Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708GS Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD6708GS
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708GS Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD6708GS Datasheet HTML 35Page - Renesas Technology Corp UPD6708GS Datasheet HTML 36Page - Renesas Technology Corp UPD6708GS Datasheet HTML 37Page - Renesas Technology Corp UPD6708GS Datasheet HTML 38Page - Renesas Technology Corp UPD6708GS Datasheet HTML 39Page - Renesas Technology Corp UPD6708GS Datasheet HTML 40Page - Renesas Technology Corp UPD6708GS Datasheet HTML 41Page - Renesas Technology Corp UPD6708GS Datasheet HTML 42Page - Renesas Technology Corp UPD6708GS Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
37
µPD6708
(2)
Command setting conditions
The reception disabled state must be set and RDB emptied before setting the GETSTA command.
Caution With the IEBus, the lock function is provided to enable communication to run over a number of frames.
However, if a locked unit goes down without being unlocked, the locked unit is unable to receive any
further data. To avoid this situation, in a system which uses the lock function it is necessary to execute
the GETSTA command periodically to monitor the lock status (a unit lock is released by executing INIT
command).
5.2.8
SETREV command (command code: 0111)
(1)
Functions
<1> Set reception enabled/disabled status
• When reception status code is 00H
: Set to reception disabled status.
In the reception disabled status, bit 1 of the slave status is ‘1’, the slave receive buffer becomes virtually empty
and no longer exists, and slave reception and broadcast reception are no longer performed.
• When reception status code is 01H
: Set to reception enabled status.
When the prescribed conditions are met, slave reception and broadcast reception are performed.
The reception enabled status is also set when a command other than SETREV is executed.
<2> This command clears WDB after reading the 1-byte command parameter (reception status code) from WDB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com