Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6708GS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD6708GS
Description  MOS INTEGRATED CIRCUIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6708GS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD6708GS Datasheet HTML 5Page - Renesas Technology Corp UPD6708GS Datasheet HTML 6Page - Renesas Technology Corp UPD6708GS Datasheet HTML 7Page - Renesas Technology Corp UPD6708GS Datasheet HTML 8Page - Renesas Technology Corp UPD6708GS Datasheet HTML 9Page - Renesas Technology Corp UPD6708GS Datasheet HTML 10Page - Renesas Technology Corp UPD6708GS Datasheet HTML 11Page - Renesas Technology Corp UPD6708GS Datasheet HTML 12Page - Renesas Technology Corp UPD6708GS Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
7
µPD6708
2.2 IEBus Communication Protocol
An overview of the IEBus is as follows.
•
Communication system: Half-duplex asynchronous communication
•
Multi-master system
All the units connected to the IEBus can transfer data to the other units.
•
Broadcast communication function (communication between one unit and multiple units)
Group broadcast communication:
Broadcast communication with group units
General broadcast communication: Broadcast communication with all units.
•
Three modes with different transfer speeds selectable.
fX = 12 MHz
fX = 12.58 MHz
Maximum Number of Transfer Bytes
(bytes/frame)
Mode 0
Approx. 3.9 Kbps
Approx. 4.1 Kbps
16
Mode 1
Approx. 17 Kbps
Approx. 18 Kbps
32
Mode 2
Approx. 26 Kbps
Approx. 27 Kbps
128
•
Access control: CSMA/CD (Carrier Sense Multiple Access with Collision Detection)
The priority order for bus occupancy is as follows.
<1> Broadcast communication takes precedence over ordinary communication (i. e., communication between one
unit and another).
<2> The lowest master address has the highest priority.
•
Communication scale
Number of units:
MAX. 50
Cable length:
MAX. 150 m (with twisted-pair cable <Resistance: 0.1
Ω/m or less>)
Load capacity:
MAX. 8000 pF <between BUS– and BUS+>, fX = 12 MHz
MAX. 7100 pF <between BUS– and BUS+>, fX = 12.58 MHz
Terminating resistor: 120
Ω
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com