Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16311 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP16311
Description  30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16311 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP16311 Datasheet HTML 17Page - Microchip Technology MCP16311 Datasheet HTML 18Page - Microchip Technology MCP16311 Datasheet HTML 19Page - Microchip Technology MCP16311 Datasheet HTML 20Page - Microchip Technology MCP16311 Datasheet HTML 21Page - Microchip Technology MCP16311 Datasheet HTML 22Page - Microchip Technology MCP16311 Datasheet HTML 23Page - Microchip Technology MCP16311 Datasheet HTML 24Page - Microchip Technology MCP16311 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
 2013-2019 Microchip Technology Inc.
DS20005255C-page 21
MCP16311/2
5.7
Boost Capacitor
The boost capacitor is used to supply current for the
internal high-side drive circuitry that is above the input
voltage. The boost capacitor must store enough energy to
completely drive the high-side switch on and off. A 100 nF
X5R or X7R capacitor is recommended for all
applications. The boost capacitor maximum voltage is 5V.
5.8
Vcc Capacitor
The VCC internal bias regulates at 5V. The VCC pin is
current limited to 50 mA and protected from a short-
circuit condition at 150 mA load. The VCC regulator
must sustain all load and line transients because it
supplies the internal drivers for power switches. For
stability reasons, the VCC capacitor must be at least
1 µF X7R ceramic for extended temperature range, or
X5R for limited temperature range.
5.9
MCP16312 – LED Constant
Current Driver
MCP16312 can be used to drive an LED or a string of
LEDs. The process of transforming the MCP16312
from a constant voltage source into a constant current
source is simple. It implies that the sensing/feedback
for the current is on the low side by adding a resistor in
series with the string of LEDs.
When using the MCP16312 as an LED driver, care must
be taken when selecting the sense resistor. Due to the
high feedback voltage of 0.8V, there will be significant
losses on the sense resistor, so a larger package with
better power dissipation must be selected.
Another important aspect when creating such an
application is the value of the inductor. The value of the
inductor needs to follow Equation 5-3 or, as a guideline,
Table 5-1, where the output voltage is approximated as
the sum of the forward voltages of the LEDs and a 0.8V
headroom for the sense resistor. A typical application is
shown in Figure 5-3.
The following equations are used to determine the
value and the losses for the sense resistor:
EQUATION 5-6:
EXAMPLE 5-5:
5.10
Thermal Calculations
The MCP16311/2 is available in MSOP-8 and DFN-8
packages. By calculating the power dissipation and
applying the package thermal resistance (θJA), the
junction temperature is estimated. The maximum
continuous junction temperature rating for the
MCP16311/2 is +125°C.
To quickly estimate the internal power dissipation for
the switching step-down regulator, an empirical
calculation using measured efficiency can be used.
Given the measured efficiency, the internal power
dissipation is estimated in Equation 5-7. This power
dissipation
includes
all
internal
and
external
component losses. For a quick internal estimate,
subtract the estimated inductor DCR loss from the PDIS
calculation in Equation 5-7.
EQUATION 5-7:
TOTAL POWER
DISSIPATION ESTIMATE
Wurth Elektronik®
74408943150
15
0.118
1.7
4.8x4.8x3.8
744062150
15
0.085
1.1
6.8x6.8x2.3
744778115
15
0.1
1.75
7.3x7.3x3.2
7447779115
15
0.07
2.2
7.3x7.3x4.5
Coiltronics®
SD25
15
0.095 1.08
5.2x5.2x2.5
SD6030
14.1 0.103
1.1
6.0x6.0x3.0
TDK - EPC®
B82462G4153M
15
0.097 1.05
6.0x6.0x3.0
B82462A4153K
15
0.21
1.5
6.0x6.0x3.0
TABLE 5-3:
MCP16311/2 RECOMMENDED
3.3V VOUT INDUCTORS
Part Number
Size
WxLxH
(mm)
ILED = 400 mA
VFB =0.8V
VF = 1 x 3.2V (one white LED is used)
RB =2
PLOSSES = 0.32 W (sense resistor losses)
L= 22 µH
RB
VFB
ILED
-----------
=
PLOSSES
VFB ILED
=
Where:
VFB = Feedback Voltage
PDIS
VOUT IOUT
Efficiency
-------------------------------VOUT IOUT

–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com