Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16311 Datasheet (PDF) - Microchip Technology

MCP16311 Datasheet PDF - Microchip Technology
Part # MCP16311
Download  MCP16311 Download
File Size   1153.39 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator

MCP16311 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP16311 Datasheet PDF - Microchip Technology

Part # MCP16311
Download  MCP16311 Click to download

File Size   1153.39 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator

MCP16311 Datasheet (HTML) - Microchip Technology


MCP16311 Product details

General Description
The MCP16311/2 is a compact, high-efficiency, fixed
frequency, synchronous step-down DC-DC converter in
an 8-pin MSOP, or 2 x 3 mm TDFN package that
operates from input voltage sources up to 30V.
Integrated features include a high-side and a low-side
switch, fixed frequency peak current mode control,
internal compensation, peak current limit and
overtemperature protection. The MCP16311/2 provides
all the active functions for local DC-DC conversion, with
fast transient response and accurate regulation.
High converter efficiency is achieved by integrating the
current-limited, low-resistance, high-speed high-side
and low-side switches and associated drive circuitry.
The MCP16311 is capable of running in PWM/PFM
mode. It switches in PFM mode for light load
conditions and for large buck conversion ratios. This
results in a higher efficiency over all load ranges. The
MCP16312 runs in PWM-only mode, and is
recommended for noise-sensitive applications.
The MCP16311/2 can supply up to 1A of continuous
current while regulating the output voltage from 2V to
12V. An integrated, high-performance peak current
mode architecture keeps the output voltage tightly
regulated, even during input voltage steps and output
current transient conditions common in power systems.
The EN input is used to turn the device on and off.
While off, only a few micro amps of current are
consumed from the input.
Output voltage is set with an external resistor divider.
The MCP16311/2 is offered in small MSOP-8 and
2 x 3 mm TDFN surface mount packages.

Features
• Up to 95% Efficiency
• Input Voltage Range: 4.4V to 30V
• 1A Output Current Capability
• Output Voltage Range: 2.0V to 24V
• Qualification: AEC-Q100 Rev. G, Grade 1
(-40°C to +125°C)
• Integrated N-Channel High-Side and Low-Side
Switches:
- 170m, Low Side
- 300m, High Side
• Stable Reference Voltage: 0.8V
• Automatic Pulse Frequency Modulation/Pulse-
Width Modulation (PFM/PWM) Operation
(MCP16311):
- PFM Operation Disabled (MCP16312)
- PWM Operation: 500 kHz
• Low Device Shutdown Current: 3 μA Typical
• Low Device Quiescent Current:
- 44 μA (Non-switching, PFM Mode)
• Internal Compensation
• Internal Soft-Start: 300 μs (EN Low-to-High)
• Peak Current Mode Control
• Cycle-by-Cycle Peak Current Limit
• Undervoltage Lockout (UVLO):
- 4.1V typical to start
- 3.6V typical to stop
• Overtemperature Protection
• Thermal Shutdown:
- +150°C
- +25°C Hysteresis

Applications
• PIC® /dsPIC® Microcontroller Bias Supply
• 24V Industrial Input DC-DC Conversion
• General Purpose DC-DC Conversion
• Local Point of Load Regulation
• Automotive Battery Regulation
• Set-Top Boxes
• Cable Modems
• Wall Transformer Regulation
• Laptop Computers
• Networking Systems
• AC-DC Digital Control Bias
• Distributed Power Supplies




Similar Part No. - MCP16311

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16311 MICROCHIP-MCP16311 Datasheet
954Kb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
MCP16311-E/MNY MICROCHIP-MCP16311-E/MNY Datasheet
954Kb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
MCP16311-E/MS MICROCHIP-MCP16311-E/MS Datasheet
954Kb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
MCP16311T-E/MNY MICROCHIP-MCP16311T-E/MNY Datasheet
954Kb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
MCP16311T-E/MS MICROCHIP-MCP16311T-E/MS Datasheet
954Kb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
More results


Similar Description - MCP16311

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16301 MICROCHIP-MCP16301 Datasheet
974Kb / 38P
High Voltage Input Integrated Switch Step-Down Regulator
2011
MCP16331 MICROCHIP-MCP16331 Datasheet
993Kb / 40P
High-Voltage Input Integrated Switch Step-Down Regulator
03/25/14
MCP16311 MICROCHIP-MCP16311 Datasheet
954Kb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
logo
Silergy Corp.
SY8088 SILERGY-SY8088 Datasheet
782Kb / 7P
High Efficiency 1.5MHz, 1A Synchronous Step Down Regulator Preliminary Specification
logo
Fitipower Integrated Te...
FP6382 FITIPOWER-FP6382 Datasheet
981Kb / 13P
Dual High Efficiency 1MHz/1.5MHz 1A Synchronous Step Down Regulator
logo
Shenzhen Huazhimei Semi...
HM1488B HMSEMI-HM1488B Datasheet
1Mb / 13P
High Efficiency Fast Response.5A, 30V Input Synchronous Step Down Regulator
logo
ACE Technology Co., LTD...
ACE735N ACE-ACE735N Datasheet
190Kb / 3P
High Efficiency, 1.5A 40V Input Synchronous Step-Down Regulator
VER 1.2
ACE7330N ACE-ACE7330N Datasheet
341Kb / 4P
High Efficiency Fast Response, 3A, 30V Input Synchronous Step-Down Regulator
VER 1.1
ACE7353N ACE-ACE7353N Datasheet
187Kb / 3P
High Efficiency, 3A 40V Input Synchronous Step-Down Regulator
VER 1.1
logo
Microchip Technology
MCP16301 MICROCHIP-MCP16301_V01 Datasheet
783Kb / 38P
High-Voltage Input Integrated Switch Step-Down Regulator
Revision E January 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com