Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 2 Page - Microchip Technology

  MCP16331_V01 Datasheet HTML 1Page - Microchip Technology MCP16331_V01 Datasheet HTML 2Page - Microchip Technology MCP16331_V01 Datasheet HTML 3Page - Microchip Technology MCP16331_V01 Datasheet HTML 4Page - Microchip Technology MCP16331_V01 Datasheet HTML 5Page - Microchip Technology MCP16331_V01 Datasheet HTML 6Page - Microchip Technology MCP16331_V01 Datasheet HTML 7Page - Microchip Technology MCP16331_V01 Datasheet HTML 8Page - Microchip Technology MCP16331_V01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
MCP16331
DS20005308D-page 2
 2014-2021 Microchip Technology Inc.
Typical Applications
VIN
GND
VFB
SW
VIN
6.0V to 50V
VOUT
5.0V at 500 mA
COUT
2x10 µF
CIN
2x10 µF
L1
22 µH
BOOST
52.3 k
10 k
EN
1N4148
100V
Schottky
Diode
CBOOST
100 nF
VIN
GND
VFB
SW
VIN
4.5V to 50V
VOUT
3.3V at 500 mA
COUT
2x10 µF
CIN
2x10 µF
L1
15 µH
BOOST
31.6 k
10 k
EN
1N4148
100V
Schottky
Diode
CBOOST
100 nF
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VOUT=3.3V
VOUT=5V
VIN=12V
Note:
EN has an internal pull-up, so the device will start even if the EN pin is left floating.
20 pF
20 pF
Optional
Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com