Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP16331_V01 Datasheet HTML 9Page - Microchip Technology MCP16331_V01 Datasheet HTML 10Page - Microchip Technology MCP16331_V01 Datasheet HTML 11Page - Microchip Technology MCP16331_V01 Datasheet HTML 12Page - Microchip Technology MCP16331_V01 Datasheet HTML 13Page - Microchip Technology MCP16331_V01 Datasheet HTML 14Page - Microchip Technology MCP16331_V01 Datasheet HTML 15Page - Microchip Technology MCP16331_V01 Datasheet HTML 16Page - Microchip Technology MCP16331_V01 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
 2014-2021 Microchip Technology Inc.
DS20005308D-page 13
MCP16331
4.0
DETAILED DESCRIPTION
4.1
Device Overview
The MCP16331 device is a high input voltage step-down
regulator, capable of supplying 500 mA to a stable out-
put voltage, from 2.0V to 24V. Internally, the trimmed 500
kHz oscillator provides a fixed frequency, while the Peak
Current-Mode control architecture varies the duty cycle
for output voltage regulation. An internal floating driver is
used to turn the high-side, integrated N-Channel MOS-
FET on and off. The power for this driver is derived from
an external boost capacitor (CBOOST) whose energy is
supplied from a fixed voltage, ranging between 3.0V and
5.5V, typically the input or output voltage of the con-
verter. For applications with an output voltage outside of
this range, 12V for example, the boost capacitor bias
can be derived from the output using a simple Zener
diode.
4.1.1
INTERNAL REFERENCE VOLTAGE
(VREF)
An integrated precise 0.8V reference, combined with an
external resistor divider, sets the desired converter out-
put voltage. The resistor divider range can vary without
affecting the control system gain. High-value resistors
consume less current, but are more susceptible to noise.
4.1.2
INTERNAL COMPENSATION
All control system components necessary for stable
operation over the entire device operating range are
integrated, including the error amplifier and the inductor
current slope compensation. To add the proper amount
of slope compensation, the inductor value changes
along with the output voltage (see Table 5-1).
4.1.3
EXTERNAL COMPONENTS
External components consist of:
• Input capacitor
• Output filter (inductor and capacitor)
• Freewheeling diode
• Boost capacitor
• Boost blocking diode
• Resistor divider
The selection of the inductor, output capacitor, input
capacitor and freewheeling diode is dependent upon
the output voltage, input voltage, and the maximum
output current.
4.1.4
ENABLE INPUT
The enable input is used to disable the device while
connected to GND. If disabled, the MCP16331 device
consumes a minimal amount of current from the input.
4.1.5
SOFT START
The internal reference voltage rate of rise is controlled
during start-up, minimizing the output voltage
overshoot and the inrush current.
4.1.6
UNDERVOLTAGE LOCKOUT
An integrated Undervoltage Lockout (UVLO) prevents
the converter from starting until the input voltage is high
enough for normal operation. The converter will typically
start at 4.1V and operate down to 3.6V. Hysteresis is
added to prevent starting and stopping during start-up,
as a result of loading the input voltage source.
4.1.7
OVERTEMPERATURE
PROTECTION
Overtemperature protection limits the silicon die
temperature to +160°C, by turning the converter off; the
normal switching resumes at +130°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com