Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73830 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP73830
Description  Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73830 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP73830 Datasheet HTML 16Page - Microchip Technology MCP73830 Datasheet HTML 17Page - Microchip Technology MCP73830 Datasheet HTML 18Page - Microchip Technology MCP73830 Datasheet HTML 19Page - Microchip Technology MCP73830 Datasheet HTML 20Page - Microchip Technology MCP73830 Datasheet HTML 21Page - Microchip Technology MCP73830 Datasheet HTML 22Page - Microchip Technology MCP73830 Datasheet HTML 23Page - Microchip Technology MCP73830 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2011-2019 Microchip Technology Inc.
DS20005049E-page 21
MCP73830/L
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Contact sales for additional factory options.
Device:
MCP73830T:
Single-Cell Li-Ion/Li-Polymer Battery Device,
Tape and Reel
MCP73830/LT: Single-Cell Li-Ion/Li-Polymer Battery Device,
Tape and Reel
Standard
Options:
IREG
(mA)
VREG
(V)
ITERM
(%)
RTH
(%)
MCP73830LT
0AA
200
4.2
10
71.5
7.5
96.5
MCP73830LT
0BC
200
4.2
100
71.5
10
96.5
MCP73830T
2AA
1000
4.2
10
71.5
7.5
96.5
Temperature
Range:
I= -40
C to +85C (Industrial)
Package:
MY = Plastic Thin Dual Flat, No Lead Package, 2x2x0.8 mm Body
(TDFN), 6-Lead
*Y = Nickel gold manufacturing designator. Only available on the
TDFN package.
PART NO.
X
XX
Package
Temperature
Range
Device
Examples:
a) MCP73830T-2AAI/MYY: Tape and Reel,
Single-Cell
Li-Ion/Li-Polymer Battery
Device
b) MCP73830T-0AAI/MYY: Tape and Reel,
Single-Cell
Li-Ion/Li-Polymer
Battery Device
c) MCP73830LT-0BCI/MYY: Tape and Reel,
Single-Cell
Li-Ion/Li-Polymer Battery
Device
-XXX
Standard
Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com