Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-01 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-01
Description  7" All-in-One Ultra Rugged Mobile Data Terminal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-01 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  RAM-MOUNT-01 Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-01 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
TREK-773
Dimensions
Unit: mm
I/O Connectors
Specifications Cont.
Ordering Information
Part Number
Description
TREK-773R-00A1E
TREK-773R w/GPS/NFC barebones unit*
TREK-773R-LWBXA1E
TREK-773R w/LTE(EU)/GPS/WLAN/BT/NFC/CFast/W10
TREK-773R-LWBXB1E
TREK-773R w/LTE(US)/GPS/WLAN/BT/NFC/CFast/W10
* The barebones does not include RAM or CFast.
Note: TREK-773 can be equipped with the Linux OS upon request.
Packing List
Part Number
Description
QTY
1700019031*
12/24V 2M power cable
1
1750007909-01
Outdoor dipole Wi-Fi antennas
2
1750007924-01*
Outdoor LTE/GPS combo antenna, 3M
1
1750007926-01
Outdoor LTE antenna, 3M
1
1990018848T000
USB/LAN cable clips
2
* Included in TREK-773 barebone unit
Optional Items
Part Number
Description
1700020128
12/24VDC power cable, 5M
1700019307
High-density cable (MDR 50P/BNC + 3 x audio jack + USB-A +
D-sub, 9P)
RAM-MOUNT-01
VESA RAM mount w/clamp base, 1.5" ball
RAM-MOUNT-06E
VESA RAM mount w/VESA base, 1.5" ball
9668TREK35E
AC/DC power kit
9668TREK37E
IP54-rated I/O cover
TREK-773 CTOS KIT
Part Number
Description
98R8T77304E
TREK-773 WLAN kit (802.11a/b/g/n/ac BT combo) with antenna
98R8T77305E
TREK-773 LTE module kit for US (WP7610) with antenna
98R8T77306E
TREK-773 LTE module kit for EU (WP7607) with antenna
Embedded OS
Part Number
Description
20708WX9ES0016
Image Win 10 LTSC-9 (Atom) TREK-773 V1.00 3MUI x64
Environment
IP Rating
IP54 (excluding I/O); optional IP54 protection for entire system with additional I/O cover
Vibration/Shock
MIL-STD-810G, EN60721-3(5M3)
EMC/Safety
CE, FCC, CCC; UL/cUL, CB
Vehicle Regulation
E-mark (E13) for 12/24 V system, SAE J1455 class C, ISO 7637-2, SAE J1113
Railway
EN50155 (available upon request)
RF Regulation
CE (R&TTE), FCC ID
Operating Temperature
-30 ~ 60 °C/-22 ~ 140 °F
Storage Temperature
-40 ~ 80 °C/-40 ~ 176 °F
255.70
24.38
51
56
75
M5
163.13
GPS
Reset button
CFast card
SIM card
SD card
RS-232
USB 3.0
Power button
High-density connector
RJ45
Power input
NFC
2W speaker
Front USB
Wi-Fi antenna main
Wi-Fi antenna auxiliary
Brightness control
Mic-In
Power LED
Light sensor
WWAN antenna main
WWAN antenna auxiliary
5 programmable
hot keys



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com