Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-01 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-01
Description  7" All-in-One Ultra Rugged Mobile Data Terminal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-01 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  RAM-MOUNT-01 Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-01 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
TREK-773
ƒ
Intel® Atom™ E3827 SoC compatible with Windows 10 and Ubuntu OS
ƒ
7" WVGA wide-angle LCD with resistive touch control
ƒ
Vehicle diagnostics interface with CAN (J1939, OBD-II/ISO 15765) and J1708
(J1587) protocols
ƒ
Built-in NFC, GNSS, WLAN, Bluetooth, and LTE WWAN modules
ƒ
Intelligent vehicle power management system supports ignition on/off/delay
functions, wake-up event control, and system monitoring and diagnostics
ƒ
Wide operating temperature range (-30 ~ 60 °C/-22 ~ 140 °F)
ƒ
Supports 12/24 V vehicle power (ISO 7637-2)
ƒ
MIL-STD-810G and 5M3-certified for shock and vibration tolerance
Introduction
TREK-773 is a next-generation, all-in-one, 7" mobile data terminal. Equipped with an Intel® Atom™ E3827 SoC, TREK-773 offers high-performance computing with a wired connection via
Gigabit Ethernet, CAN2.0B (J1939, OBD-II/ISO 15765), and J1708 (J1587). The integrated LTE (backwards compatible with CDMA/HSDPA), GPS, WLAN, and Bluetooth communication
interfaces ensure connectivity and real-time data transmissions. Aimed at the automotive market, TREK-773 is compatible with 12/24 V vehicle power and compliant with ISO 7637-2
and SAE J1113 standards to ensure stable operation during engine starts. With the added provision of a ruggedized chassis, wide operating temperature range (-30 ~ 60 °C/-22 ~
140 °F), and shock (100G, 6ms) and vibration tolerance, TREK-773 provides the ideal terminal for industrial applications in harsh environments.
Specifications
Core
Processor
Intel® Atom™ E3827 dual-core, 1.75 GHz
Memory
1 x SODIMM socket
Up to 8 GB DDR3L 1066/1333 non-ECC memory (4 GB default for full configuration)
Graphics
Integrated 2D/3D graphics engine
Operating System
Windows 10 IoT Enterprise 2019 LTSC (64 bit) default, with Ubuntu 18.04 LTSB (64 bit) available upon request
Storage
CFast
1 x externally accessible CFast slot with cover and boot up support (32 GB default for full configuration)
SD Card
1 x externally accessible push-push-type SD slot with cover for convenient expansion
Display
Type
7" automotive-grade TFT LCD
Resolution
WVGA (800 x 480)
Brightness (cd/m2)
1000 nits (typical)
Viewing Angle (H/V)
170°/170°
Contrast Ratio
1000:1 (typical)
Backlight Type
LED
Backlight Life (Hrs)
30K
Touchscreen
Type
4-wire analog resistive touchscreen with 3H surface hardness and IK06 (510 g steel ball drop @300 mm) support
(Optional sunlight readable touchscreen available upon request)
Transparency
84% ±3%
Sensor
Sensor
Light sensor, G-sensor
Expansion
Edge AI
1 x full-size mini-PCIe slot reserved for Advantech VEGA-330 Edge AI module
I/O
Function Keys
5 x programmable function keys with green LED indicators
Standard I/O
1 x SIM card slot (left)
1 x High-speed full RS-232 (rear) (RS232 RI pin can be configured to 12 VDC output)
1 x USB 3.0 host Type A (rear)
1 x Giga LAN with RJ45 connector (rear)
Extended I/O 2
1 x Mic-In/1 x stereo Line-In/1 x stereo Line-Out
1 x CVBS input, 1 x USB 2.0 host
1 x High-speed full RS-232, 1 x RS-485 with auto flow control
4 x Isolated DI (dry contact), 4 x isolated DO (open collector output, driven by replay)
1 x CAN bus (supports raw CAN, J1939, OBD-II/ISO 15765)
1 x J1708 (supports J1587)
1 x 12 VDC/1.5A continuous current output (shared with standard I/O full RS-232 DB9)
Miscellaneous
Power Button/LED Indicators
1 x Power button; 1 x Power LED indicator (yellow)
RF
WLAN + Bluetooth
IEEE 802.11a/b/g/n/ac + Bluetooth V5.0 combo module via full-size mini-PCIe slot
WWAN
1 x Sierra Wireless WP76xx via full-size mini PCIe slot for 4G (LTE Cat-4, HSPA+, GSM/GPRS/EDGE, EV-DO Rev a1, 1xRTT)
GNSS
Built-in u-blox MAX-M8Q GPS/GLONASS/BeiDou module and A-GPS support
Antenna
1 x GPS, 2 x WWAN (LTE), 2 x WLAN/Bluetooth
NFC
ISO/IEC 14443A, 14443B, 15693; MIFARE 1K/4K, Ultralight; NFC-IP2 protocol
Power
Input Voltage
12/24 VDC vehicle power (ISO 7637-2 and SAE J1113 compliant)
Intelligent Vehicle Power
Management (iVPM 2.0)
System power on/off management (e.g., programmable ignition on/off/delay), system monitoring and diagnostics, system power protection (vehicle
battery low voltage protection), and wake-on-alarm (RTC), wake-on-call/SMS, and wake-on-G-sensor events
Mechanical
Dimensions (W x H x D)
255.7 x 161 x 56 mm/10.06 x 6.33 x 2.20 in
Weight
2.2 kg/4.8 lb
7" All-in-One Ultra Rugged
Mobile Data Terminal
All product specifications are subject to change without notice.
Last updated: 14-Apr-2021


Similar Part No. - RAM-MOUNT-01

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RAM-MOUNT-01 ADVANTECH-RAM-MOUNT-01 Datasheet
360Kb / 2P
5.7 Display Solution for Vehicle Applications
RAM-MOUNT-01 ADVANTECH-RAM-MOUNT-01 Datasheet
683Kb / 2P
7 Mobile Data Terminal with Intel Atom Z510PT/Z520PT
RAM-MOUNT-01 ADVANTECH-RAM-MOUNT-01 Datasheet
683Kb / 2P
7" Mobile Data Terminal with Intel Atom
RAM-MOUNT-01E ADVANTECH-RAM-MOUNT-01E Datasheet
1Mb / 2P
Application Ready Platform (ARP) for In-vehicle Applications
6-Jan-2016
More results

Similar Description - RAM-MOUNT-01

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BETA903A BOLYMIN-BETA903A Datasheet
185Kb / 2P
Mobile Data Terminal
logo
Advantech Co., Ltd.
TREK-722 ADVANTECH-TREK-722 Datasheet
999Kb / 2P
RISC All-in-One Mobile Data Terminal
TREK-743 ADVANTECH-TREK-743_11 Datasheet
1Mb / 2P
7" All-in-one Mobile Data Terminal
logo
List of Unclassifed Man...
1545 ETC2-1545 Datasheet
253Kb / 1P
All-in-one Phone and Data Tool
logo
Advantech Co., Ltd.
TREK-722R-A1E ADVANTECH-TREK-722R-A1E Datasheet
1Mb / 2P
RISC All-in-One Mobile Data Terminal
TREK-773R-00A0E ADVANTECH-TREK-773R-00A0E Datasheet
595Kb / 2P
7" All-in-One Mobile Data Terminal
TREK-753 ADVANTECH-TREK-753_16 Datasheet
683Kb / 2P
7" Mobile Data Terminal with Intel Atom
TREK-722 ADVANTECH-TREK-722_14 Datasheet
1Mb / 2P
RISC All-in-One Mobile Data Terminal
USC-360 ADVANTECH-USC-360 Datasheet
1Mb / 3P
15.6" Ultra-Slim, All-in-One Computer
1-Aug-2023
USC-365 ADVANTECH-USC-365 Datasheet
833Kb / 3P
15.6" Ultra-Slim, All-in-One POS
13-Dec-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com