Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC2G00CLE Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LVC2G00CLE
Description  Dual 2-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2G00CLE Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74LVC2G00CLE Datasheet HTML 1Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 2Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 3Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HD74LVC2G00
Rev.1.00 Mar. 16, 2005 page 7 of 7
Package Dimensions
SXBG0008KB-A
S-XFBGA8-0.9x1.9-0.50
MASS[Typ.]
0.0015g
Previous Code
JEITA Package Code
RENESAS Code
TBS-8AV
0.20
0.05
0.50
0.90
A 2
0.50
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
0.25
0.20
(0.315)
0.05
0.20
1
Z
y
x
D
A
A
E
e
Z
b
1
y
0.155
0.185
0.20
1.90
*
E
D
D
C
B
2
1
A
Pin#1 index area
1
y
C
C
yC
Seating plane
A
B
* Reference value.
CA B
C
b
8
× φ
φ × M
φ × M
D
D
e
Z



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com