Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC2G00CLE Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LVC2G00CLE
Description  Dual 2-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2G00CLE Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LVC2G00CLE Datasheet HTML 1Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 2Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 3Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2G00CLE Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HD74LVC2G00
Rev.1.00 Mar. 16, 2005 page 2 of 7
Function Table
Inputs
A
B
Output Y
L
L
H
L
H
H
H
L
H
H
H
L
H: High level
L: Low level
Pin Arrangement
(Bottom view)
(Top view)
2A
27
3
45
GND
Height 0.5 mm
0.5 mm pitch
0.23 mm 8–Ball
0.9 mm
2Y
2B
1B
1Y
6
18
1A
VCC
Pin#1 INDEX
Logic Diagram
1A
1Y
1
1B
2
7
2A
2Y
5
2B
6
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com