Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61529FP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M61529FP
Description  Audio Signal Processor with Surround
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61529FP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M61529FP Datasheet HTML 16Page - Renesas Technology Corp M61529FP Datasheet HTML 17Page - Renesas Technology Corp M61529FP Datasheet HTML 18Page - Renesas Technology Corp M61529FP Datasheet HTML 19Page - Renesas Technology Corp M61529FP Datasheet HTML 20Page - Renesas Technology Corp M61529FP Datasheet HTML 21Page - Renesas Technology Corp M61529FP Datasheet HTML 22Page - Renesas Technology Corp M61529FP Datasheet HTML 23Page - Renesas Technology Corp M61529FP Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
M61529FP
Rev.1.00, Sep.04.2003, page 21 of 23
System Reset
(a) IC’s condition of power supply turn on
This IC is the system composition which compulsory resetting when power supply turn on.
• Time constant of power supply is used, and reset pulse is formed.
• When V
CC exceed 5.5V, reset pulse is transmitted. (Logic circuit ON) [1]
• The operation time of reset is released reset pulse [2] from transmitted reset pulse [1].
• Trst = [Timing A + about 20us] is time of released reset pulse.
(Timing A is time of V
CC exceed 5.5V.)
t
V
VCC
VDD(Internal power supply)
VSS(Internal power supply)
<Timing of reset>
Transmitted reset pulse
Released reset pulse
Operation time of reset
5.5V
About 20
µs
A
1
2
Released reset pulse
Trst
(Normal operation)
t
V
<REF Voltage>
VCC
Voltage of 1pin
=REF Voltage
about200ms(C=100
µF)
1.5V
Operation of Analog circuit
1/2 VCC
B
Trst
The power supply is turned on, and resetting is released after Trst, and the reception of the serial
data becomes possible in Logic block.
However, REF voltage doesn't operate in less than 1.5V in the analog block. Make REF voltage is to
transmit serial data by more than 1.5V.
• REF Voltage
≥ Time of REF=1.5V =Timing B
(Timing B is time when analog block operates and to become possible.)
<EX> Capacitor of 1pin =100
µF
Becomes REF
≥ 1.5V in about 200ms.
(b) IC’s condition of power supply turn off
Internal power supply (V
DD, VSS) decreases to VCC together, too.
All the data set up when Logic turned it off become invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com