Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG1001R2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMG1001R2
Description  Gallium Arsenide CATV Integrated Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG1001R2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMG1001R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Will be replaced by MMG1001NT1 in Q305. N suffix indicates 260°C reflow capable.
The PFP-16 package has had lead-free terminations from its initial release.
MMG1001R2 MMG1001T1
1
RF Device Data
Freescale Semiconductor
Gallium Arsenide
CATV Integrated Amplifier Module
Features
• Specified for 79-, 112- and 132-Channel Loading
• Excellent Distortion Performance
• Built-in Input Diode Protection
• GaAs FET Transistor Technology
• Unconditionally Stable Under All Load Conditions
• In Tape and Reel. R2 Suffix = 1,500 Units per 16 mm, 13 inch Reel.
T1 Suffix = 1,000 Units per 16 mm, 13 inch Reel.
Applications
• CATV Systems Operating in the 40 to 870 MHz Frequency Range
• Input Stage Amplifier in Optical Nodes, Line Extenders and Trunk
Distribution Amplifiers for CATV Systems
• Output Stage Amplifier on Applications Requiring Low Power Dissipation
and High Output Performance
• Driver Amplifier in Linear General Purpose Applications
Description
• 24 Vdc Supply or 12 Vdc Supply with Bias Change, 40 to 870 MHz, CATV
Integrated Forward Amplifier Module
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
RF Voltage Input (Single Tone)
Vin
+65
dBmV
DC Supply Voltage
24 V Application
12 V Application
VCC
+26
+14
Vdc
Operating Case Temperature Range
TC
-20 to +100
°C
Storage Temperature Range
Tstg
-40 to +100
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
RθJC
6.6
°C/W
Document Number: MMG1001
Rev. 5, 7/2005
Freescale Semiconductor
Technical Data
MMG1001R2
MMG1001T1
CASE 978-03
PFP-16
870 MHz
19 dB GAIN
132-CHANNEL
CATV INTEGRATED AMPLIFIER
MODULE
16
1
Figure 1. Functional Diagram
Q1
Figure 2. Pin Connections
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
(Top View)
9
N.C.
N.C.
VG1
VS1
VC
VS2
VG2
N.C.
N.C.
VD3
N.C.
VGC
N.C.
VD4
N.C.
N.C.
Q2
RS1
RS2
RG3
RG4
Q3
Q4
Pin 15
Pin 13
Pin 11
Pin 3
Pin 5
Pin 7
Pin 6
Pin 4
Note: Exposed backside flag is source
terminal for transistors.
 Freescale Semiconductor, Inc., 2005. All rights reserved.


Similar Part No. - MMG1001R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMG1001R2 MOTOROLA-MMG1001R2 Datasheet
312Kb / 8P
Gallium Arsenide CATV Integrated Amplifier Module
More results

Similar Description - MMG1001R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW9276 MOTOROLA-MHW9276 Datasheet
260Kb / 4P
GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9236 MOTOROLA-MHW9236 Datasheet
271Kb / 4P
GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9267A MOTOROLA-MHW9267A Datasheet
246Kb / 4P
Gallium Arsenide CATV Amplifier Module
MMG1001R2 MOTOROLA-MMG1001R2 Datasheet
312Kb / 8P
Gallium Arsenide CATV Integrated Amplifier Module
MMG2001R2 MOTOROLA-MMG2001R2 Datasheet
365Kb / 8P
GALLIUM ARSENIDE CATV INTEGRATED AMPLIFIER MODULE
MHW9186A MOTOROLA-MHW9186A Datasheet
78Kb / 4P
Gallium Arsenide CATV Amplifier Module
logo
Freescale Semiconductor...
MMG1001NT1 FREESCALE-MMG1001NT1 Datasheet
139Kb / 9P
Gallium Arsenide CATV Integrated Amplifier Module
MMG2001T1 FREESCALE-MMG2001T1 Datasheet
147Kb / 8P
Gallium Arsenide CATV Integrated Amplifier Module
MHW9247AN FREESCALE-MHW9247AN Datasheet
74Kb / 4P
Gallium Arsenide CATV Amplifier Module
logo
NXP Semiconductors
MMG1001NT1 NXP-MMG1001NT1 Datasheet
181Kb / 9P
Gallium Arsenide CATV Integrated Amplifier Module
Rev. 8, 3/2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com