Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG1001R2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMG1001R2
Description  Gallium Arsenide CATV Integrated Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG1001R2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMG1001R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG1001R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
RF Device Data
Freescale Semiconductor
MMG1001R2 MMG1001T1
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
1 (minimum)
Machine Model
M1 (minimum)
Charge Device Model
C5 (minimum)
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD 22-A113, IPC/JEDEC J-STD-020
3
260
°C
Table 5. Electrical Characteristics for 24 V Application (VCC = 24 Vdc, TC = +30°C, 75 Ω system unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Range
BW
40
—
870
MHz
Power Gain
50 MHz
870 MHz
Gp
—
—
18
19
—
—
dB
Slope
40 - 870 MHz
S
—
0.6
—
dB
Gain Flatness (40 - 870 MHz, Peak to Valley)
GF
—
0.5
—
dB
Input Return Loss (Zo = 75 Ohms)
f = 40-160 MHz
f = 161-450 MHz
f = 451-870 MHz
IRL
—
—
21
19
22
—
—
—
dB
Output Return Loss (Zo = 75 Ohms)
f = 40-400 MHz
f = 401-870 MHz
ORL
—
—
22
17
—
—
dB
Composite Second Order
(Vout = +44 dBmV/ch., Worst Case)
132-Channel FLAT
(Vout = +46 dBmV/ch., Worst Case)
112-Channel FLAT
(Vout = +48 dBmV/ch., Worst Case)
79-Channel FLAT
CSO132
CSO112
CSO79
—
—
—
-65
-65
-71
-58
-59
-62
dBc
Cross Modulation Distortion @ Ch 2
(Vout = +44 dBmV/ch., FM = 55 MHz)
132-Channel FLAT
(Vout = +46 dBmV/ch., FM = 55 MHz)
112-Channel FLAT
(Vout = +48 dBmV/ch., FM = 55 MHz)
79-Channel FLAT
XMD132
XMD112
XMD79
—
—
—
-64
-63
-62
-52
-52
-52
dBc
Composite Triple Beat
(Vout = +44 dBmV/ch., Worst Case)
132-Channel FLAT
(Vout = +46 dBmV/ch., Worst Case)
112-Channel FLAT
(Vout = +48 dBmV/ch., Worst Case)
79-Channel FLAT
CTB132
CTB112
CTB79
—
—
—
-63
-64
-65
-56
-56
-58
dBc
Noise Figure
50 MHz
870 MHz
NF
—
—
4
4
5.0
5.0
dB
DC Current (VDC = 24 V, TC = -20° to +100°C)
IDC
230
250
265
mA
(continued)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com