Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WIW3362-R-504 Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # WIW3362-R-504
Description  Trimmer Potentiometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

WIW3362-R-504 Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  WIW3362-R-504 Datasheet HTML 1Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Characteristics
Standard Resistance Range
100 to 2 Megohms
(see standard resistance table)
Resistance Tolerance:
10% std.
(tighter tolerance available)
Absolute Minimum Resistance:
1% or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
3% or 3 ohms max.
(whichever is greater)
Adjustability
Voltage
0.05%
Resistance
0.15%
Resolution:
Infinite
Insulation Resistance
500 vdc
1,000 Megohms min.
Dielectric Strength
101.3 kPa 500 vac
8.5 kPa 315 vac
Adjustment Angle:
210
nom.
Environmental Characteristics
Power Rating (250 volts max.)
0.5 watt (70
) , 0 watt (125
)
Temperature Range
-55
to +125
Temperature Coefficient:
100ppm/
Vibration:
98 m/s
2
(1%
TR;2%
VR)
Shock:
390 m/s
2
(1%
TR; 1%
VR)
Load Life
1,000 hours 0.5 watt @ 70
(3%
TR; 4% or 4 ohm )
Rotational Life: 200 cycles
(3%
TR; 4% or 4 ohm,)
Physical Characteristics
Mechanical Angle
250° nom.
Torque
20 mN
m max.
Stop Strength
50 mN
m min.
Terminals
Solderable pins
Standard Packaging
50 pcs. per tube
Features
Single Turn
Cermet / Industrial / Sealed
Top and side adjust types
(P,U, W,S most popular)
R
P
U
M
S
X
MF
SF
W
How to order
WIW3362
P
102
Model
Style
Resistance Code
Standard Resistance Table
Resistance
(
)
Resistance
Code
100
200
500
1,000
2,000
5,000
10,000
20,000
25,000
50,000
100,000
200,000
250,000
500,000
1,000,000
2,000,000
101
201
501
102
202
502
103
203
253
503
104
204
254
504
105
205
Special resistance available
Detail Specification: Q/RY260A-2000
WIW3362
Trimmer Potentiometer
Sharma Potentiometers
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327
Style Code


Similar Part No. - WIW3362-R-504

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WIW3324-W-100 SHARMA-WIW3324-W-100 Datasheet
517Kb / 1P
SMD Trimmer Potentiometer
WIW3324-W-101 SHARMA-WIW3324-W-101 Datasheet
517Kb / 1P
SMD Trimmer Potentiometer
WIW3324-W-102 SHARMA-WIW3324-W-102 Datasheet
517Kb / 1P
SMD Trimmer Potentiometer
WIW3324-W-103 SHARMA-WIW3324-W-103 Datasheet
517Kb / 1P
SMD Trimmer Potentiometer
WIW3324-W-104 SHARMA-WIW3324-W-104 Datasheet
517Kb / 1P
SMD Trimmer Potentiometer
More results

Similar Description - WIW3362-R-504

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1804 DALLAS-DS1804 Datasheet
85Kb / 7P
NV Trimmer Potentiometer
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
Trimmer Potentiometer
WIW1028 ETC1-WIW1028 Datasheet
748Kb / 1P
Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW1015 SHARMA-WIW1015 Datasheet
722Kb / 1P
Trimmer Potentiometer
WIW1029 SHARMA-WIW1029 Datasheet
743Kb / 1P
Trimmer Potentiometer
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
Trimmer Potentiometer
WIW3329 SHARMA-WIW3329 Datasheet
703Kb / 1P
Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
Trimmer Potentiometer
WIW1036 SHARMA-WIW1036 Datasheet
713Kb / 1P
Trimmer Potentiometer
logo
Murata Manufacturing Co...
PVZ3G103C01R00 MURATA-PVZ3G103C01R00 Datasheet
191Kb / 12P
TRIMMER POTENTIOMETER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com