Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL2012-F Datasheet(PDF) 1 Page - TOKO, Inc

Part # LL2012-F
Description  Multilayer Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LL2012-F Datasheet(HTML) 1 Page - TOKO, Inc

  LL2012-F Datasheet HTML 1Page - TOKO, Inc LL2012-F Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
September 1998 TOKO, Inc.
1
LL2012-F Series
Multilayer Chip Inductors
DESCRIPTION
The LL2012-F Series is a miniature multilayer ceramic chip
inductor in a standard 0805 package. Toko's proprietary
laminated ceramic material provides high SRF, excellent
Q, and superior reliability. These inductors are an ideal
solution for signal shaping, or RF filtering for high frequency
RF and wireless communication devices.
STANDARD PART NUMBERS
FEATURES
s
Inductance range: 1.5-470nH
s
Temperature Coefficient: +250ppm/°C
s
Temperature Range: –40°C +100°C
s
Miniature size: 0805 footprint (2.0mm x 1.2mm)
s
Laminated ceramic allows high SRF over 6 GHz
s
Q: 50 Typical (at 800MHz)
s
S-parameter data available upon request
s
Packaged on tape and reel in 3,000 &
4,000 piece quantity
DIMENSIONS
PART NUMBERING
Type
L (mm)
W (mm)
T (mm)
A (mm)
LL2012
2.0±0.2
1.25±0.2
0.60±0.2
0.5±0.3
0.85±0.3
1.00±0.3
1.10±0.3
* Add tolerance to part number: S=±0.3nH, J = ±5%, K = ±10%
Testing Conditions: (1.) L,Q: HP4191A at 100MHz
(2.) SRF: HP8753C (Test fixture 16091A)
(3.) RDC: VP-2811A Panasonic
** These parts have polarity/orientation marking


Similar Part No. - LL2012-F

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL2012-F100NG TOKO-LL2012-F100NG Datasheet
377Kb / 2P
Wirewound Chip Inductors
LL2012-F100NJ TOKO-LL2012-F100NJ Datasheet
377Kb / 2P
Wirewound Chip Inductors
LL2012-F100NK TOKO-LL2012-F100NK Datasheet
377Kb / 2P
Wirewound Chip Inductors
LL2012-F10NG TOKO-LL2012-F10NG Datasheet
377Kb / 2P
Wirewound Chip Inductors
LL2012-F10NJ TOKO-LL2012-F10NJ Datasheet
377Kb / 2P
Wirewound Chip Inductors
More results

Similar Description - LL2012-F

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
Multilayer Chip Inductors
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com