Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R02 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT48R02
Description  10-Pin MSOP I/O Type 8-Bit OTP MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R02 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT48R02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾ fSYS=4MHz
2.2
¾
5.5
V
¾ fSYS=8MHz
3.3
¾
5.5
V
¾ fSYS=12MHz
4.5
¾
5.5
V
IDD1
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=4MHz
¾
12
mA
5V
¾
2.5
5
mA
IDD2
Operating Current
(Crystal OSC, RC OSC)
3V
No load, fSYS=8MHz
¾
24
mA
5V
¾
48
mA
IDD3
Operating Current
(Crystal OSC, RC OSC)
5V
No load, fSYS=12MHz
¾
612
mA
IDD4
Operating Current (Internal
RC+RTC OSC, Normal Mode)
3V
No load, fSYS=4MHz
¾
12
mA
5V
¾
2.5
5
mA
IDD5
Operating Current (Internal
RC+RTC OSC, Normal Mode)
3V
No load, fSYS=8MHz
¾
24
mA
5V
¾
48
mA
IDD6
Operating Current (Internal
RC+RTC OSC, Normal Mode)
5V
No load, fSYS=12MHz
¾
612
mA
IDD7
Operating Current (Internal
RC+RTC OSC, Slow Mode)
3V
No load, fSYS=32768Hz
¾
10
20
mA
5V
¾
20
40
mA
ISTB1
Standby Current
(WDT Enabled, RTC Off)
3V
No load, system HALT
¾¾
5
mA
5V
¾¾
10
mA
ISTB2
Standby Current
(WDT Disabled, RTC Off)
3V
No load, system HALT
¾¾
1
mA
5V
¾¾
2
mA
ISTB3
Standby Current
(WDT Disabled, RTC On)
3V
No load, system HALT
¾¾
5
mA
5V
¾¾
10
mA
VIL1
Input Low Voltage for PA0~PA6,
TMR0, TMR1 and INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage forPA0~PA6,
TMR0, TMR1 and INT
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (PA7/RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (PA7/RES)
¾¾
0.9VDD
¾
VDD
V
VLVR1
Low Voltage Reset 1
¾ Configuration option: 4.2V
3.98
4.2
4.42
V
VLVR2
Low Voltage Reset 2
¾ Configuration option: 3.15V
2.98
3.15
3.32
V
VLVR3
Low Voltage Reset 3
¾ Configuration option: 2.1V
1.98
2.1
2.22
V
IOL
I/O Port Sink Current
3V
VOL=0.1VDD
48
¾
mA
5V
10
20
¾
mA
IOH
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-10
¾
mA
RPH
Pull-high Resistance
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
HT48R01/HT48R02/HT48R03
Rev. 1.00
4
December 20, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com