Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48R02 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT48R02
Description  10-Pin MSOP I/O Type 8-Bit OTP MCU
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R02 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT48R02 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R02 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
HT48R01/HT48R02/HT48R03
10-Pin MSOP I/O Type 8-Bit OTP MCU
Selection Table
Part No.
VDD
Program
Memory
Data
Memory
I/O
Timer
External
Interrupt Buzzer
Stack
Package
Types
HT48R01
2.2V~5.5V
1K
´14
64
´8
7 I/O,
1 Input
8-bit
´1
1
Ö
4
10MSOP
HT48R02
2.2V~5.5V
2K
´14
96
´8
7 I/O,
1 Input
8-bit
´2
1
Ö
6
10MSOP
HT48R03
2.2V~5.5V
4K
´15
160
´8
7 I/O,
1 Input
8-bit
´2
1
Ö
8
10MSOP
Rev. 1.00
1
December 20, 2006
General Description
The HT48R01/HT48R02/HT48R03 are 8-bit high per-
formance, RISC architecture microcontroller devices
specifically designed for I/O control.
The advantages of low power consumption, I/O flexibil-
ity, timer functions, oscillator options, Power-down and
wake-up functions, Watchdog Timer, buzzer driver, as
well as low cost, enhance the versatility of these devices
to suit a wide range of application possibilities such as
industrial control, consumer products, subsystem con-
trollers, etc.
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
fSYS=12MHz: 4.5V~5.5V
· 7 bidirectional I/O lines and 1 input
· Interrupt input shared with I/O line
· 4 oscillator configuration options
- External crystal OSC
- External RC OSC
- Internal RC+I/O (PA5, PA6)
- Internal RC+RTC OSC (32768Hz)
· Internal RC oscillator
- 3 frequency selections: 4MHz/8MHz/12MHz
- 4MHz with ±10% variation (2.2V~5.5V, 25°C)
- 8MHz with ±10% variation (3.3V~5.5V, 25°C)
- 12MHz with ±10% variation (4.5V~5.5V, 25°C)
· Watchdog Timer
· Program memory ROM: Up to 4096´15
· Data memory RAM: Up to 160´8
· Buzzer driving pair and PFD supported
· Power-down and wake-up functions reduce power
consumption
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· All instructions executed within one or two machine
cycles
· 14-bit or 15-bit table read instruction
· Up to 8-levels of subroutine nesting
· Bit manipulation instruction
· Low voltage reset function
· 10-pin MSOP package
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0003E Communicating between the HT48 & HT46 Series MCUs and the HT93LC46 EEPROM
- HA0016E Writing and Reading to the HT24 EEPROM with the HT48 MCU Series
- HA0018E Controlling the HT1621 LCD Controller with the HT48 MCU Series
- HA0049E Read and Write Control of the HT1380


Similar Part No. - HT48R02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R02B HOLTEK-HT48R02B Datasheet
425Kb / 71P
Small Package 8-Bit OTP MCU
December 15, 2009
HT48R02B HOLTEK-HT48R02B Datasheet
427Kb / 71P
Small Package 8-Bit OTP MCU
HT48R02C HOLTEK-HT48R02C Datasheet
534Kb / 14P
Small Form 8-Bit OTP MCU
HT48R02M HOLTEK-HT48R02M Datasheet
443Kb / 69P
1.5V Battery 8-Bit OTP MCU
December 18, 2009
HT48R02M HOLTEK-HT48R02M Datasheet
465Kb / 69P
1.5V Battery 8-Bit OTP MCU
More results

Similar Description - HT48R02

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01 HOLTEK-HT46R01 Datasheet
487Kb / 60P
10-Pin MSOP A/D Type 8-Bit OTP MCU
September 21, 2007
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
I/O Type 8-Bit OTP MCU
September 27, 2006
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
Enhanced I/O Type 8-Bit OTP MCU
June 9, 2009
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
I/O Type 8-Bit OTP MCU
September 15, 2009
HT82M75R HOLTEK-HT82M75R Datasheet
474Kb / 66P
I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
Enhanced I/O Type 8-Bit OTP MCU
October 23, 2012
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
Enhanced I/O Type 8-Bit OTP MCU
October 23, 2012
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
Enhanced I/O Type 8-Bit OTP MCU
June 3, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com