Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16675AP/W Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD16675AP/W
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16675AP/W Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD16675AP/W Datasheet HTML 1Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 2Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 3Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 4Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 5Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 6Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 7Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 8Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
The information in this document is subject to change without notice.
MOS INTEGRATED CIRCUIT
µµµµPD16675A
1/34, 1/36 DUTY LCD CONTROLLER/DRIVER
Document No. S11195EJ1V0DS00 (1st edition)
Date Published July 1998 NS CP (K)
Printed in Japan
DATA SHEET
©
1996
The
µPD16675A is a driver containing a RAM capable of full-dot LCD display. A single µPD16675A IC chip can
operate a full-dot (up to 128-by-32 dots) LCD and two-line (upper & lower) pictograph display.
This IC is ideal for Kanji character or Chinese character pagers, displaying 16-by-16 dots per character.
FEATURES
• LCD driver with built-in display RAM
• Can operate on a single 3-V power supply
• Booster circuit incorporated: Switchable between 2X & 3X
• Dot display RAM: 128
× 32 bits
• Pictographic display RAM (portion of two lines): 128
× 2 bits
• Pictographic display RAM duty changeable: 1/34 and 2/36 duties
• Output: 128 segments & 34 commons
• Data input based on serial & 4-/8-bit parallel switchover
• Split resistor incorporated
• Oscillation circuit incorporated
ORDERING INFORMATION
Part Number
Package
µPD16675AP/W
Chips/wafer (Matched COG mounting)
µPD16675AN-051
2-side standard TCP (Output OLB: 0.25 mm pitch)
µPD16675AN-xxx
TCP (TAB)
Purchasing the above products in terms of chips per wafer requires an exchange of other documents as well,
including a memorandum on the product quality. Therefore, those who are interested in this regard are advised to
contact an NEC sales representative for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com