Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16675AP/W Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPD16675AP/W
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16675AP/W Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPD16675AP/W Datasheet HTML 4Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 5Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 6Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 7Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 8Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 9Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 10Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 11Page - Renesas Technology Corp UPD16675AP/W Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
6
µµµµPD16675A
1.
PIN FUNCTIONS
1.1
Power System
Pin Symbol
Pin Name
Pin No.
I/O
Description
VDD1
Logic power supply
pin
203,
204,
224
---
Power supply pin for logic
VDD2
Power supply pin for
booster circuit
197
---
Power supply pin for booster circuit. Set the pin to
VDD1
≤ VDD2.
VSS
Logic ground pin
206,
221,
222
---
Ground pin for logic
VLCD
Driver power supply
pin
180, 181
---
Driver power supply pin. Output pin of internal
booster circuit. Connect with a 1-
µF booster
capacitor to the VDD2 pin.
When not using the internal booster circuit, the
driver power can be turned on directly.
VLC1 to VLC5
Driver reference
power supply
179 to 175
---
Reference power supply pin for LCD drive. When
the internal bias is selected, be sure to leave it open.
C1+, C1−,
C2+, C2−
Capacitor connection
pins
185 to 196
---
Capacitor connection pins for booster circuit.
Connect a 1
µF capacitor.
VEE
Driver ground pin
228, 229
---
Ground pin for driver
1.2
Logic System
Pin Symbol
Pin Name
Pin No.
I/O
Description
WS
Word length selection
223
I
This pin selects the word length. At High level, it
becomes an 8-bit parallel interface. At Low level, it
becomes a 4-bit parallel interface if D7/NS is High;
and a serial interface if D7/NS is Low. When the
word length is 4 bits, data is transferred in the upper-
to-lower sequence by means of data buses D0 to D3.
The word length cannot be changed after power-on.
STB
Strobe
220
I
Data can be input/output at Low level either in
parallel interface or serial interface mode.
E/SCK
Enable/shift clock
219
I
In parallel interface mode, this becomes the data
enable input pin. During read-in, data is fetched into
the interface buffer at the rising edge. During read-
out, data is fetched from the interface buffer at the
falling edge.
In serial interface mode, this pin becomes the data
shift clock. During read-in, data is fetched into the
shift register at the rising edge. During read-out,
data is fetched from the shift register at the falling
edge.
CLKOUT
Clock for slave IC
output
226
O
This pin outputs an inverted oscillation clock. It
connects to slave IC’s OSCIN directly.
POCOUT
Power-on reset
monitor
225
O
Monitor pin for internal power-on reset.
At Low level, power-on reset is set internally. At
Low level, power-on reset is released.
The pin is for IC testing. Normally leave it open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com