Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16682AP Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD16682AP
Description  MOS INTEGRATED CIRCUIT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16682AP Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD16682AP Datasheet HTML 35Page - Renesas Technology Corp UPD16682AP Datasheet HTML 36Page - Renesas Technology Corp UPD16682AP Datasheet HTML 37Page - Renesas Technology Corp UPD16682AP Datasheet HTML 38Page - Renesas Technology Corp UPD16682AP Datasheet HTML 39Page - Renesas Technology Corp UPD16682AP Datasheet HTML 40Page - Renesas Technology Corp UPD16682AP Datasheet HTML 41Page - Renesas Technology Corp UPD16682AP Datasheet HTML 42Page - Renesas Technology Corp UPD16682AP Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
Data Sheet S14402EJ1V0DS
37
µµµµPD16682A
Figure 12–5. Power Save
Static indicator OFF
Static indicator ON
Power save (compound command)
Sleep mode
Static indicator ON
Reset command
Standby mode
Power save OFF
(Display all OFF command)
Cancel sleep mode
Cancel standby mode
Power save OFF
(Display all OFF command)
12.20.1 Sleep mode
During this mode, all LCD operations are stopped and there is no access from the CPU, so current consumption
can be reduced almost as low as the static current level. The internal status during sleep mode is as follows.
(1) The oscillation circuit and LCD power supply circuit are stopped.
(2) All LCD drive circuits are stopped and both segment and common driver outputs output at the VSS level.
12.20.2 Standby mode
During this mode, all duty LCD display system operations are stopped and only the static drive system for the
indicators operate, which reduces the current consumption to the minimum amount needed for static drive. The
internal status during standby mode is as follows.
(1) The LCD’s power supply circuit is stopped. The oscillation circuit operates.
(2) The duty drive system’s LCD drive circuit is stopped and both segment and common driver outputs output at
the VSS level. The static drive system operates.
When a reset command is executed while in standby mode, it sets sleep mode.
Remarks1. If you are using an external power supply, we recommend that you stop the external power supply
circuit’s functions when activating the power save function. For example, if you are using an external
divided resistor circuit to provide LCD drive voltage at different levels, we recommend that you add a
circuit to cut the current flowing on the divided resistor circuit while the power save function is being
activated.
2. The
µ PD16682A includes the /DOF pin which is used to control blinking LCD displays is set to low
level when activating the power save function. The output from /DOF can be used to stop the external
power supply circuit's function.
3. When the display has been set to OFF mode, executing the display all ON command sets power save
mode no matter which command is entered afterward.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com