Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16682AP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD16682AP
Description  MOS INTEGRATED CIRCUIT
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16682AP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD16682AP Datasheet HTML 6Page - Renesas Technology Corp UPD16682AP Datasheet HTML 7Page - Renesas Technology Corp UPD16682AP Datasheet HTML 8Page - Renesas Technology Corp UPD16682AP Datasheet HTML 9Page - Renesas Technology Corp UPD16682AP Datasheet HTML 10Page - Renesas Technology Corp UPD16682AP Datasheet HTML 11Page - Renesas Technology Corp UPD16682AP Datasheet HTML 12Page - Renesas Technology Corp UPD16682AP Datasheet HTML 13Page - Renesas Technology Corp UPD16682AP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
Data Sheet S14402EJ1V0DS
8
µµµµPD16682A
3.2 Logic System Pins (1/3)
Pin Symbol
Pin Name
Pad No.
I/O
Description
P,/S
Select data input
83
Input
This pin is used to select between parallel data input and serial
data input.
P,/S = H : Parallel data input
P,/S = L : Serial data input
This setting cannot be switched after power-on. For details, see
5. DESCRIPTION OF FUNCTIONS.
/CS1,CS2
Chip select
8,9
Input
These pins are used for the chip select signal. When /CS1 = L
and CS2 = H, this signal is active and can be used for I/O of data
and commands.
/RD(E)
Read (enable)
15
Input
• When connected to 80 series CPU : active low
This pin connects the 80 series CPU’s RD signal. Data bus
output status is set when this signal is low.
• When connected to 68 series CPU : active high
It is used as the enable clock input pin for the 68 series CPU.
/WR(R,/W)
Write (read/write)
14
Input
• When connected to 80 series CPU: active low
This pin connects the 80 series CPU's /WR signal. Signals on
the data bus are latched at the rising edge of the /WR signal.
• When connected to 68 series CPU
This pin is an input pin for read/write control signals.
R,/W = H : Read
R,/W = L : Write
C86
Interface select
82
Input
This pin is used to select the CPU interface.
C86 = H : 68 series CPU interface
C86 = L : 80 series CPU interface
D0 to D5
Data bus
17 to 22
Input
/Output
When used with a parallel interface, these pins correspond to
data bus bits D0 to D5.
When used with a serial interface, they are pulled down
internally.
D6 (SCL)
Data bus/serial clock
23
Input
/Output
When used with a parallel interface, this pin corresponds to data
bus bit D6.
When used with a serial interface, it is a serial clock input pin.
D7 (SI)
Data bus/serial data input
24
Input
/Output
When used with a parallel interface, this pin corresponds to data
bus bit D7.
When used with a serial interface, it is a serial data input pin.
A0
Data command
12
Input
This pin is connected to the LSB in the ordinary CPU address
bus to distinguish between data and commands.
A0 = H : Indicates that display data exists in bits D0 to D7.
A0 = L : Indicates that display control commands exist in bits D0
to D7.
TESTOUT
Test output
6
Output This pin is used as a test output. Leave this pin open when used
for this purpose.
/RESET
Reset
11
Input
This pin is used to perform an internal reset when at low level.
CLS
Clock select
80
Input
This pin is used to select the valid/invalid setting for the display
clock’s on-chip oscillation circuit.
CLS = H : On-chip oscillation circuit is valid
CLS = L : On-chip oscillation circuit is invalid (external input)
When CLS = L, a display clock is input via the CL pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com