Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 7721
Description  H Bridge Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7721 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  7721 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7721 Datasheet HTML 2Page - List of Unclassifed Manufacturers 7721 Datasheet HTML 3Page - List of Unclassifed Manufacturers 7721 Datasheet HTML 4Page - List of Unclassifed Manufacturers 7721 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
7-32
Model 7721 Series
Parameter
Symbol
Conditions1
Min.
Typ.
Max.
Units
Q1-Q4 IGBT
Continuous Collector Current
IC
TC = 25°C
40
A
TC = 100°C
22
A
Pulsed Collector Current
ICM
80
A
Reverse Avalanche Energy
EAVR
15
mJ
Collector Leakage Current
ICES
VGE = 0V, VCE = 500V
250
µA
Saturation Voltage
VCE(ON)
IC = 22A, VGE = 15V
2.4
3.0
V
IC = 40A, VGE = 15V
2.8
V
Gate Threshold Voltage
VGE(TH)
VCE = VGE, IC = 250µA
3.0
5.5
V
Gate Leakage Current
IGES
VGE = ±20V
±100
nA
Total Gate Charge (turn on)
Qg
IC = 22A, VCC = 400V,VGE = 15V
55
83
nC
Gate Emitter Charge (turn on)
Qge
IC = 22A, VCC = 400V,VGE = 15V
11
17
nC
Gate Collector Charge (turn on)
Qgc
IC = 22A, VCC = 400V,VGE = 15V
19
29
nC
Turn Off Delay Time
td(off)
IC = 22A, VCC = 400V,VGE = 15V,RG = 10Ω w/tail
100
150
ns
Fall Time
tf
IC = 22A, VCC = 400V,VGE = 15V,RG = 10Ω w/tail
56
100
ns
Total Switching Loss
Ets
IC = 22A, VCC = 400V,VGE = 15V,RG = 10Ω w/tail
.55
.70
mJ
Input Capacitance
Cies
VGE = 0V, VCC = 30V, f = 1MHz
1400
pF
Output Capacitance
Coes
VGE = 0V, VCC = 30V, f = 1MHz
250
pF
Reverse Transfer Capacitance
Cres
VGE = 0V, VCC = 30V, f = 1MHz
42
pF
Junction Temperature
TJ
150
°C
Thermal Resistance
Rthjc
.94
°C/W
D1-D4 Fred Diodes
Reverse Leakage Current
IR
VR = 600V
20
µA
VR = .8x600V, TJ = 125°C
1.5
mA
Forward Voltage
VF
IF = 8A
1.5
V
IF = 8A, TJ = 150°C
1.3
V
Reverse Recovery Time
trr
IF = 1A, -di/dt = 50A/µs, VR = 30V
35
50
ns
Junction Temperature
Tj
150
°C
Thermal Resistance
Rthjc
3.1
°C/W
TH1 NTC Thermistor
Resistance
R25
I = 1mA
22.5
25
27.5
K
Ω
Resistance Ratio
RT/R25
t = 80°C
.126
t = 90°C
.0916
t = 100°C
.0679
t = 110°C
.0511
Dissipation Constant
PD
1.0
mW/°C
Thermal Time Constant
t
10
sec
ELECTRICAL CHARACTERISTICS (7721-1A)
1 - TCase = 25°C unless otherwise specified.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com