Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7721 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7721
Description  H Bridge Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7721 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7721 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7721 Datasheet HTML 2Page - List of Unclassifed Manufacturers 7721 Datasheet HTML 3Page - List of Unclassifed Manufacturers 7721 Datasheet HTML 4Page - List of Unclassifed Manufacturers 7721 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
7
7-31
Model 7721 Series
• Saves significant space and assembly time
• Modern design reduces heatsink cost
• Low cost
• Thin package (.200) easily fits between PCB and heatsink
• Internal temperature sensing for fastest possible response
• Replaces 8 each TO-220 or TO-247 discrete power semiconductors
• Custom designs accept any IGBTs or FETs up to size 5 with parallel diodes
• Custom module versions available for specific applications
Example: 3 phase motor drives & rectifier bridges, power servo amplifiers, solenoid drivers, solid state relays,
audio amplifiers, and high-power DC/DC converters.
NEW PRODUCT
MODEL 7721 SERIES
H Bridge
Power Module
FEATURES AND BENEFITS
7721-1A
22A 500V IGBTs with 8A 600V ultrafast diodes
7721-2A
32A 600V IGBTs with 25A 600V hyperfast diodes
MODELS/RANGE
Drives DC motors, transformers and other loads.
Paralleled ultrafast diodes included. Standard
applications are off-line DC motor control and
power conversion.
Specifications subject to change without notice.


Similar Part No. - 7721

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7721 RENESAS-7721 Datasheet
6Mb / 577P
16-BIT SINGLE-CHIP MICROCOMPUTER
logo
Aavid, Thermal Division...
7721-10PPSG AAVID-7721-10PPSG Datasheet
55Kb / 2P
Product Change Notification
March 29, 2006
7721-13NG AAVID-7721-13NG Datasheet
55Kb / 2P
Product Change Notification
March 29, 2006
7721-15NG AAVID-7721-15NG Datasheet
55Kb / 2P
Product Change Notification
March 29, 2006
logo
Bi technologies
7721-1A BITECH-7721-1A Datasheet
93Kb / 5P
Power Module
More results

Similar Description - 7721

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK3002 MSK-MSK3002 Datasheet
356Kb / 6P
H-BRIDGE MOSFET POWER MODULE
MSK3020 MSK-MSK3020 Datasheet
345Kb / 6P
H-BRIDGE MOSFET POWER MODULE
MSK3014 MSK-MSK3014 Datasheet
326Kb / 5P
H-BRIDGE MOSFET POWER MODULE
MSK3004 MSK-MSK3004 Datasheet
285Kb / 5P
H-BRIDGE MOSFET POWER MODULE
logo
Powersem GmbH
PSHI25-06 POWERSEM-PSHI25-06 Datasheet
135Kb / 4P
IGBT Module H-Bridge Configuration
PSHI50-06 POWERSEM-PSHI50-06 Datasheet
135Kb / 4P
IGBT Module H-Bridge Configuration
PSHI100-06 POWERSEM-PSHI100-06 Datasheet
135Kb / 4P
IGBT Module H-Bridge Configuration
PSHI5006 POWERSEM-PSHI5006 Datasheet
135Kb / 4P
IGBT Module H-Bridge Configuration
PSHI10006 POWERSEM-PSHI10006 Datasheet
135Kb / 4P
IGBT Module H-Bridge Configuration
logo
IXYS Corporation
MIEB101H1200EH IXYS-MIEB101H1200EH Datasheet
451Kb / 8P
IGBT Module H Bridge
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com