Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDM3032 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ESDM3032
Description  ESD Protection Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDM3032 Datasheet(HTML) 3 Page - ON Semiconductor

  ESDM3032 Datasheet HTML 1Page - ON Semiconductor ESDM3032 Datasheet HTML 2Page - ON Semiconductor ESDM3032 Datasheet HTML 3Page - ON Semiconductor ESDM3032 Datasheet HTML 4Page - ON Semiconductor ESDM3032 Datasheet HTML 5Page - ON Semiconductor ESDM3032 Datasheet HTML 6Page - ON Semiconductor ESDM3032 Datasheet HTML 7Page - ON Semiconductor ESDM3032 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ESDM3032
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 3. 100 ns TLP I−V Curve − Pin 1 to Pin 2
Figure 4. 100 ns TLP I−V Curve − Pin 2 to Pin 1
IPK (A)
0
1
2
3
4
5
6
7
12
3
4
Figure 5. Clamping Voltage vs. Peak Pulse
Current − Pin 1 to Pin 2 (tp = 8/20 ms)
VCTLP (V)
0
2
4
6
8
10
12
14
16
18
02
4
12
VCTLP (V)
20
18
16
14
12
10
8
6
4
2
0
28
12
14
8
16
4
10
14
0
20
010
56
8
9
Figure 6. Clamping Voltage vs. Peak Pulse
Current − Pin 2 to Pin 1 (tp = 8/20 ms)
1E−03
VR (V)
Figure 7. Reverse Leakage Current
6
4
2
−6
−40
−2
10
−4
VBIAS (V)
Figure 8. Line Capacitance, f = 1 MHz
9
8
7
6
5
4
3
2
1
0
4
2
−3
−21
0
610
6
16
IPK (A)
0
1
2
3
4
5
6
7
12
3
4
010
66
8
9
−13
1E−08
1E−09
1E−10
1E−11
1E−12
1E−13
1E−14
1E−07
1E−05
1E−06
1E−04
8
9
10
7
8
9
10
5
1E−15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com