Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDM3032 Datasheet (PDF) - ON Semiconductor

ESDM3032 Datasheet PDF - ON Semiconductor
Part # ESDM3032
Download  ESDM3032 Download
File Size   323.16 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ESD Protection Diode

ESDM3032 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDM3032 Datasheet PDF - ON Semiconductor

Part # ESDM3032
Download  ESDM3032 Click to download

File Size   323.16 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ESD Protection Diode

ESDM3032 Datasheet (HTML) - ON Semiconductor


ESDM3032 Product details

Features
• Low Clamping Voltage
• Small Body Outline Dimensions: 0.62 mm x 0.32 mm
• Low Body Height: 0.3 mm
• Stand−off Voltage: 3.3 V
• IEC61000−4−2 Level 4 ESD Protection
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant

Typical Applications
• USD Card Protection
• Audio Line
• GPIO




Similar Part No. - ESDM3032

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESDM3031 ONSEMI-ESDM3031 Datasheet
231Kb / 7P
ESD Protection Diode
May, 2017 ??Rev. 1
ESDM3031MXT5G ONSEMI-ESDM3031MXT5G Datasheet
231Kb / 7P
ESD Protection Diode
May, 2017 ??Rev. 1
ESDM3033 ONSEMI-ESDM3033 Datasheet
212Kb / 7P
ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
June, 2020 ??Rev. 1
ESDM3033N2T5G ONSEMI-ESDM3033N2T5G Datasheet
212Kb / 7P
ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
June, 2020 ??Rev. 1
More results


Similar Description - ESDM3032

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9502 DALLAS-DS9502 Datasheet
67Kb / 3P
ESD Protection Diode
logo
Rohm
RSB6.8G ROHM-RSB6.8G Datasheet
160Kb / 3P
ESD Protection diode
logo
AUK corp
SDT6B2Q AUK-SDT6B2Q Datasheet
52Kb / 3P
ESD Protection Diode
SDT6D8EF AUK-SDT6D8EF Datasheet
255Kb / 3P
ESD Protection Diode
logo
Leshan Radio Company
LESD7D5.0T5G LRC-LESD7D5.0T5G Datasheet
499Kb / 6P
ESD PROTECTION DIODE
logo
Sanyo Semicon Device
DA473S6 SANYO-DA473S6 Datasheet
285Kb / 4P
ESD Protection Diode
logo
Pan Jit International I...
PJQA6V8C PANJIT-PJQA6V8C Datasheet
209Kb / 3P
ESD Protection diode
logo
WILLAS ELECTRONIC CORP
SESD9DXXV WILLAS-SESD9DXXV Datasheet
387Kb / 4P
ESD Protection Diode
logo
Rohm
RSB6.8STE61 ROHM-RSB6.8STE61 Datasheet
394Kb / 3P
ESD Protection diode
logo
ON Semiconductor
ESD8018 ONSEMI-ESD8018 Datasheet
176Kb / 11P
ESD Protection Diode
July, 2015 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com