Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4342FE Datasheet(PDF) 1 Page - Belden Inc.

Part # 4342FE
Description  Security & Sound, 3 Pairs 18 AWG BC, LSZH, Shielded, Eca
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

4342FE Datasheet(HTML) 1 Page - Belden Inc.

  4342FE Datasheet HTML 1Page - Belden Inc. 4342FE Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 4342FE
Security & Sound, 3 Pairs 18 AWG BC, LSZH, Shielded, Eca
Product Description
Security & Commercial Audio Cable, 3-18 AWG stranded bare copper pairs with polypropylene insulation, Beldfoil® shield, LSZH jacket with ripcord, CPR Eca
Technical Specifications
Product Overview
Suitable Applications:
Commercial applications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Nominal Diameter No. of Pairs
18
7x26
BC - Bare Copper 1.22 mm
3
Conductor Count:
6
Total Number of Pairs:
3
Insulation
Type
Material
Nominal Diameter Diameter +/- Tolerance Nominal Wall Thickness
Insulation PP - Polypropylene 1.5 mm
0.05 mm
0.2 mm
Color Chart
Number
Color
Pair 1
Black & Red
Pair 2
Black & White
Pair 3
Black & Green
Outer Shield
Type
Material
Material Trade Name Coverage [%] Thickness of Foil Drainwire Material
Drainwire AWG
Tape
Bi-Laminate
(Alum+Poly)
Beldfoil®
100%
9 µm
TC - Tinned Copper AWG24/7
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) 6.8 mm
0.4 mm
Yes
Table Notes:
Ripcord provided under sheath
Construction and Dimensions
Cabling
Description
3 pairs twisted
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Nominal Outer Shield DCR
21.3 Ohm/km
21.9 Ohm/km


Similar Part No. - 4342FE

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
4342 CML-4342 Datasheet
24Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
List of Unclassifed Man...
4342 ETC2-4342 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Visual Communications C...
4342 VCC-4342 Datasheet
84Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
logo
Heyco.
4342 HEYCO-4342 Datasheet
114Kb / 1P
Cable Holders - Snap Rivet Mount
logo
Ulti-Mate Connector Inc
434211182 ULTI-MATE-434211182 Datasheet
44Kb / 1P
Micro-D Wired Standard Profile 9 Socket Allen Head Jackscrew 26 AWG Stranded w/ Teflon insulation (SAE-AS22759/11) Non-Repeating Colors (Mil-Std-681) 18 Inches Wire Length Nickel Metal Shell 200 Max Temp No QPL
1-20-14
More results

Similar Description - 4342FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
4101FE BELDEN-4101FE Datasheet
184Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, LSZH, Shielded, Eca
12-19-2022
4300FE BELDEN-4300FE Datasheet
189Kb / 2P
Security & Sound, 2 Conductor 18 AWG BC, LSZH, Shielded, Eca
03-04-2023
4342ULW BELDEN-4342ULW Datasheet
150Kb / 2P
Security & Sound, 3 Pairs 18 AWG BC, LSZH, Cca
08-25-2023
4441FE BELDEN-4441FE Datasheet
157Kb / 2P
Security & Sound, 2 Pairs 20 AWG BC, LSZH, Shielded, Eca
08-25-2023
4301FE BELDEN-4301FE Datasheet
184Kb / 2P
Security & Sound, 3 Conductor 18 AWG BC, LSZH, Shielded, Eca
03-04-2023
4345FE BELDEN-4345FE Datasheet
155Kb / 2P
Security & Sound, 6 Pairs 18 AWG BC, LSZH, Shielded, Eca
08-25-2023
4301UE BELDEN-4301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG BC, LSZH, Eca
08-25-2023
4341FE BELDEN-4341FE Datasheet
158Kb / 2P
Security & Sound, 2 Pairs 18 AWG BC, LSZH, Shielded, Eca
08-25-2023
4341FLW BELDEN-4341FLW Datasheet
157Kb / 2P
Security & Sound, 2 Pairs 18 AWG BC, LSZH, Shielded, Cca
08-25-2023
4343FLW BELDEN-4343FLW Datasheet
159Kb / 2P
Security & Sound, 4 Pairs 18 AWG BC, LSZH, Shielded, Cca
08-25-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com