Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16818GS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD16818GS
Description  MOS INTEGRATED CIRCUIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16818GS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD16818GS Datasheet HTML 1Page - Renesas Technology Corp UPD16818GS Datasheet HTML 2Page - Renesas Technology Corp UPD16818GS Datasheet HTML 3Page - Renesas Technology Corp UPD16818GS Datasheet HTML 4Page - Renesas Technology Corp UPD16818GS Datasheet HTML 5Page - Renesas Technology Corp UPD16818GS Datasheet HTML 6Page - Renesas Technology Corp UPD16818GS Datasheet HTML 7Page - Renesas Technology Corp UPD16818GS Datasheet HTML 8Page - Renesas Technology Corp UPD16818GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DATA SHEET
c
MOS INTEGRATED CIRCUIT
µPD16818
MONOLITHIC DUAL H BRIDGE DRIVER CIRCUIT
DESCRIPTION
The
µPD16818 is a monolithic dual H bridge driver IC which uses N-channel power MOS FETs in its output stage. By
employing the power MOS FETs for the output stage, this driver circuit has a substantially improved saturation voltage and
power consumption as compared with conventional driver circuits that use bipolar transistors.
In addition, the drive current can be adjusted by an external resistor in power-saving mode.
The
µPD16818 is therefore ideal as the driver circuit of a 2-phase excitation, bipolar-driven stepping motor for the head
actuator of an FDD.
FEATURES
•
Compatible with 3V-/5V- supply voltage
•
Pin compatible with
µPD16803
•
Low ON resistance (sum of ON resistors of top and bottom MOS FETs)
RON1= 1.2
Ω (VM = 3.0 V)
RON2 = 1.0
Ω (VM = 5.0 V)
•
Low current consumption: IDD = 0.4 mA TYP. (VDD = 2.7 V to 3.6 V)
•
Stop mode function that turns OFF all output MOS FETs
•
Drive current can be set in power-saving mode (set by external resistor)
•
Compact surface mount package
ORDERING INFORMATION
Part Number
Package
µPD16818GS
20-pin plastic SOP (7.62 mm (300))
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
Motor block
VM
–0.5 to +7.0
V
Control block
VDD
–0.5 to +7.0
Power
µPD16818GS
PD1
1.0Note 1
W
consumption
PD2
1.25Note 2
Instantaneous H bridge drive current
ID (pulse)
PW
≤ 5 ms, Duty ≤ 40 %
±1.0Note 2
A
Input voltage
VIN
–0.5 to VDD + 0.5
V
Operating temperature range
TA
0 to 60
°C
Operation junction temperature
TJ (MAX)
150
°C
Storage temperature range
Tstg
–55 to +150
°C
Notes 1. IC only
2. When mounted on a glass epoxy printed circuit board (100 mm
× 100 mm × 1 mm)
Document No. S11365EJ2V1DS00 (2nd edition)
Date Published September 2004 N CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com