Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16818GS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD16818GS
Description  MOS INTEGRATED CIRCUIT
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16818GS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD16818GS Datasheet HTML 9Page - Renesas Technology Corp UPD16818GS Datasheet HTML 10Page - Renesas Technology Corp UPD16818GS Datasheet HTML 11Page - Renesas Technology Corp UPD16818GS Datasheet HTML 12Page - Renesas Technology Corp UPD16818GS Datasheet HTML 13Page - Renesas Technology Corp UPD16818GS Datasheet HTML 14Page - Renesas Technology Corp UPD16818GS Datasheet HTML 15Page - Renesas Technology Corp UPD16818GS Datasheet HTML 16Page - Renesas Technology Corp UPD16818GS Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
µPD16818
11
Data Sheet S11365EJ2V1DS
Vx vs. Rx Characteristics
Power-saving setting resistance Rx (k
Ω)
0
100
200
300
400
500
VDD = VM = 5 V
RM = 12
Ω
VDD = VM = 3.3 V
RM = 12
Ω
3
2
1
0
100
200
300
400
500
Vx vs. Rx Characteristics
Power-saving setting resistance Rx (k
Ω)
4
3
2
1
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
20406080
100
PD vs. TA Characteristics ( PD16818GS)
µ
Ambient temperature TA (
°C)
IC only
When mounted on a printed circuit board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com