Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16837GS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD16837GS
Description  MOS INTEGRATED CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16837GS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD16837GS Datasheet HTML 8Page - Renesas Technology Corp UPD16837GS Datasheet HTML 9Page - Renesas Technology Corp UPD16837GS Datasheet HTML 10Page - Renesas Technology Corp UPD16837GS Datasheet HTML 11Page - Renesas Technology Corp UPD16837GS Datasheet HTML 12Page - Renesas Technology Corp UPD16837GS Datasheet HTML 13Page - Renesas Technology Corp UPD16837GS Datasheet HTML 14Page - Renesas Technology Corp UPD16837GS Datasheet HTML 15Page - Renesas Technology Corp UPD16837GS Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
µPD16837
11
Data Sheet S12764EJ2V0DS
The switching characteristics shown on the preceding pages are specified as follows (“output at one side” means
output B for H bridge output A, or output A for output B).
[Rise time]
Rise time when the output at one side is fixed to the low level (specified on current ON).
[Fall time]
Fall time when the output at one side is fixed to the high level (specified on current ON).
[Rising delay time]
Rising delay time when the output at one side is fixed to the low level (specified on current ON).
[Falling delay time]
Falling delay time when the output at one side is fixed to the high level (specified on current ON).
[Change in rising delay time]
Change (difference) in the rising delay time between when the output at one side is fixed to the low level and when
the output at the other side is fixed to the high level.
[Change in falling delay time]
Change (difference) in falling delay time between when the output at one side is fixed to the low level and when
the output at the other side is fixed to the high level.
[Rising delay time differential]
Difference in rising delay time between output A and output B.
[Falling delay time differential]
Difference in falling delay time between output A and output B.
Caution
Because this IC switches a high current at high speeds, surge may occur due to the VM and
GND wiring and inductance and degrade the performance of the IC.
On the PWB, keep the pattern width of the VM and GND lines as wide and short as possible,
and insert the bypass capacitors between VM and GND at a location as close to the IC as
possible.
Connect a low-inductance magnetic capacitor (4700 pF or more) and an electrolytic capaci-
tor of 10
µµµµµF or so, depending on the load current, in parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com