Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16837GS Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD16837GS
Description  MOS INTEGRATED CIRCUIT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16837GS Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD16837GS Datasheet HTML 8Page - Renesas Technology Corp UPD16837GS Datasheet HTML 9Page - Renesas Technology Corp UPD16837GS Datasheet HTML 10Page - Renesas Technology Corp UPD16837GS Datasheet HTML 11Page - Renesas Technology Corp UPD16837GS Datasheet HTML 12Page - Renesas Technology Corp UPD16837GS Datasheet HTML 13Page - Renesas Technology Corp UPD16837GS Datasheet HTML 14Page - Renesas Technology Corp UPD16837GS Datasheet HTML 15Page - Renesas Technology Corp UPD16837GS Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
µPD16837
12
Data Sheet S12764EJ2V0DS
RECOMMENDED SOLDERING CONDITIONS
The
µ PD16837 should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, contact an NEC Electronics sales
representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Type of Surface Mount Device
30-PIN PLASTIC SSOP (7.62 mm (300) )
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235
°C; Time: 30 secs. MAX. (210 °C MIN.);
IR35-00-3
Number of times: 3 times MAX.; Number of days: noneNote; Flux:
Rosin-based flux with little chlorine content (chlorine: 0.2 Wt% MAX.)
is recommended.
VPS
Package peak temperature: 215
°C; Time: 40 secs. MAX. (200 °C MIN.);
VP-15-00-3
Number of times: 3 times MAX.; Number of days: noneNote; Flux:
Rosin-based flux with little chlorine content (chlorine: 0.2 Wt% MAX.)
is recommended.
Wave soldering
Package peak temperature: 260
°C; Time: 10 secs. MAX.; Number of
WS60-00-1
times: once; Flux: Rosin-based flux with little chlorine content
(chlorine: 0.2 Wt% MAX.) is recommended.
Note
Number of days in storage after the dry pack has been opened. The storage conditions are at 25
°C, 65%
RH MAX.
Caution
Do not use two or more soldering methods in combination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com