Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16874GS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD16874GS
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16874GS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD16874GS Datasheet HTML 6Page - Renesas Technology Corp UPD16874GS Datasheet HTML 7Page - Renesas Technology Corp UPD16874GS Datasheet HTML 8Page - Renesas Technology Corp UPD16874GS Datasheet HTML 9Page - Renesas Technology Corp UPD16874GS Datasheet HTML 10Page - Renesas Technology Corp UPD16874GS Datasheet HTML 11Page - Renesas Technology Corp UPD16874GS Datasheet HTML 12Page - Renesas Technology Corp UPD16874GS Datasheet HTML 13Page - Renesas Technology Corp UPD16874GS Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Data Sheet S13894EJ1V0DS
8
µµµµPD16874
OPERATION SEQUENCE
Power ON/OFF
Note If the CTL signal is asserted active after power has been turned ON, OUT executes the soft-start operation
(output transition time: 8 ms MAX.). In addition, FLG output is fixed to “L” if the supply voltage is lower than
the operating voltage of the undervoltage lockout circuit (UVLO) on power application.
If all the CTL pins are inactive when power is supplied, the IC enters the standby status (IDD = 5
µA MAX.).
When Control Signals Are Input
5 V
GND
5 V
GND
5 V
GND
5 V
5 V
GND
Overcurrent detection threshold
IN (Input)
OUT
(Output)
Iout
Flg
(Output)
CTL
(Input)
5 V
GND
5 V
GND
5 V
GND
GND
5 V
IN (Input)
OUT
(Output)
FLG
(Output)
CTL
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com