Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16874GS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD16874GS
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16874GS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD16874GS Datasheet HTML 9Page - Renesas Technology Corp UPD16874GS Datasheet HTML 10Page - Renesas Technology Corp UPD16874GS Datasheet HTML 11Page - Renesas Technology Corp UPD16874GS Datasheet HTML 12Page - Renesas Technology Corp UPD16874GS Datasheet HTML 13Page - Renesas Technology Corp UPD16874GS Datasheet HTML 14Page - Renesas Technology Corp UPD16874GS Datasheet HTML 15Page - Renesas Technology Corp UPD16874GS Datasheet HTML 16Page - Renesas Technology Corp UPD16874GS Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet S13894EJ1V0DS
11
µµµµPD16874
MAJOR CHARACTERISTIC CURVES (Unless otherwise specified, TA = +25
°°°°C, VIN = +5 V)
1200
900
600
300
0
140
120
100
80
60
40
20
0
Total Power Dissipation PT vs. Ambient Temperature TA
Output On-Resistance RON vs. Ambient Temperature TA
Output On-Resistance RON vs. Supply Voltage VIN
Current Consumption IDD vs. Ambient Temperature TA
Current Consumption IDD vs. Supply Voltage VIN
Ambient temperature TA (˚C)
Ambient temperature TA (˚C)
−40
0
−20
0
204060
80
40
80
120
200
160
180
160
140
120
100
80
20
0
Ambient temperature TA (˚C)
−20
0
204060
80
Ambient temperature TA (˚C)
−20
20
060
40
80
140
120
100
80
60
40
20
0
Supply voltage (V)
3.5
4.0
4.5
5.0
5.5
6.0
6.5
140
120
100
80
20
0
Supply voltage (V)
3.5
4.0
4.5
5.0
5.5
6.0
6.5
3.5
4.0
4.5
5.0
5.5
6.0
6.5
Current Consumption (Standby) IDD vs. Ambient Temperature TA
0.10
0.08
0.06
0.04
0.02
0.00
Supply voltage (V)
Current Consumption (Standby) IDD vs. Supply Voltage VIN
0.10
0.08
0.06
0.04
0.02
0.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com