Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16882GS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD16882GS
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16882GS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD16882GS Datasheet HTML 1Page - Renesas Technology Corp UPD16882GS Datasheet HTML 2Page - Renesas Technology Corp UPD16882GS Datasheet HTML 3Page - Renesas Technology Corp UPD16882GS Datasheet HTML 4Page - Renesas Technology Corp UPD16882GS Datasheet HTML 5Page - Renesas Technology Corp UPD16882GS Datasheet HTML 6Page - Renesas Technology Corp UPD16882GS Datasheet HTML 7Page - Renesas Technology Corp UPD16882GS Datasheet HTML 8Page - Renesas Technology Corp UPD16882GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DATA SHEET
MOS INTEGRATED CIRCUIT
µµµµPD16882
MONOLITHIC CD-ROM/DVD-ROM 3-PHASE SPINDLE MOTOR DRIVER
Document No. S13966EJ1V0DS00 (1st edition)
Date Published February 2001 N CP(K)
Printed in Japan
©
2001
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
DESCRIPTION
The
µPD16882 is a CD-ROM/DVD-ROM 3-phase spindle motor driver consisting of a CMOS controller and MOS
bridge outputs.
By employing 3-phase full-wave PWM as the drive method and MOSFETs at the output stage, it has been
possible to reduce the power consumption of the
µPD16882 ever further than the drivers that use bipolar transistors.
By using a 30-pin shrink SOP package, a more compact-size has been achieved.
FEATURES
•
Supply voltage for controller block: 5 V, supply voltage for output block: 12 V
•
Low on-state resistance (total on-state resistance of upper and lower transistors) output RON = 1.1
Ω (TYP.)
•
Low power consumption due to 3-phase full-wave PWM drive method
•
On-chip hole bias switch (linked with STB pin)
•
On-chip IND pulse switching function
•
START/STOP pin included, acting as a brake during STOP
•
Brake pin enabling reverse brake and short brake switching
•
Standby pin included, turning off internal circuit in standby (Output high impedance)
•
Low current consumption: IDD = 3 mA (Max.), IDD (ST) = 1
µA (Max.)
•
On-chip thermal shutdown circuit
•
On-chip undervoltage lockout circuit
•
Overcurrent protector (can be externally set by external resistor)
•
On-chip reverse revolution prevention circuit
•
30-pin plastic shrink SOP (7.62 mm (300))
ORDERING INFORMATION
Part Number
Package
µPD16882GS
30-pin shrink SOP (7.62 mm (300))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com