Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16882GS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPD16882GS
Description  MOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16882GS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPD16882GS Datasheet HTML 6Page - Renesas Technology Corp UPD16882GS Datasheet HTML 7Page - Renesas Technology Corp UPD16882GS Datasheet HTML 8Page - Renesas Technology Corp UPD16882GS Datasheet HTML 9Page - Renesas Technology Corp UPD16882GS Datasheet HTML 10Page - Renesas Technology Corp UPD16882GS Datasheet HTML 11Page - Renesas Technology Corp UPD16882GS Datasheet HTML 12Page - Renesas Technology Corp UPD16882GS Datasheet HTML 13Page - Renesas Technology Corp UPD16882GS Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
8
µµµµPD16882
Data Sheet S13966EJ1V0DS
7. FUNCTION OPERATION TABLE
(1) ST/SP (start/stop) function
Turning ON/OFF the spindle can be controlled by the ST/SP pin while the oscillator is operating. When the
ST/SP pin is high, the spindle is activated (operating); when it is low, the spindle stops. When the spindle stops,
the MOSFET at the high side is ON and the MOSFET at the low side is OFF, serving as a short brake.
•••• ST/SP = “H”
Input Signal
OUT0
OUT1
OUT2
Low-side PWM
Circuit Operation
Excited Phase
H
H
L
ON
Excited (operates)
H
H
L
OFF
Regeneration (brake)
W
→ V
H
L
L
ON
Excited (operates)
H
L
L
OFF
Regeneration (brake)
W
→ U
H
L
H
ON
Excited (operates)
H
L
H
OFF
Regeneration (brake)
V
→ U
L
L
H
ON
Excited (operates)
L
L
H
OFF
Regeneration (brake)
V
→ W
L
H
H
ON
Excited (operates)
L
H
H
OFF
Regeneration (brake)
U
→ W
L
H
L
ON
Excited (operates)
L
H
L
OFF
Regeneration (brake)
U
→ V
During regeneration (brake), the input signal goes through the channel of the high-side Pch MOSFET.
•••• ST/SP = “L”
Drive Timing (Motor Output Signal)
OUT0
OUT1
OUT2
PWM
Circuit Operation
−−
−−
Short brake
(2) Torque control
The output stage is driven by applying a differential voltage between the control reference voltage (ECR) and
control input voltage (EC) pins (ECR-EC). With this product, the ECR-EC differential voltage and output PWM
duty have a linear relationship. The input deadband is
±50 mV TYP. and the duty of the standard model is 100%
at 0.75 V (excluding the deadband).
The
µPD16882 also has a break selection pin (BRsel). When this pin goes high, ECR is less than EC and the
brake is applied in the reverse direction (refer to the figure and table on the next page).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com