Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS400CS Datasheet(PDF) 2 Page - Rohm

Part # 1SS400CS
Description  Switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

1SS400CS Datasheet(HTML) 2 Page - Rohm

  1SS400CS Datasheet HTML 1Page - Rohm 1SS400CS Datasheet HTML 2Page - Rohm 1SS400CS Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1SS400CS
Diodes
2/2
Electrical characteristic curves
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
trr DISPERSION MAP
ESD DISPERSION MAP
0.01
0.1
1
10
100
1000
0
200
400
600
800 1000 1200 1400
Ta=150℃
0.1
1
10
100
1000
10000
100000
0
20
40
60
80
100
120
Ta=150℃
0.1
1
10
0
5
10
15
20
f=1MHz
870
880
890
900
910
920
AVE:888.3mV
Ta=25℃
IF=100mA
n=30pcs
0
20
40
60
80
100
120
140
160
180
200
Ta=25℃
VR=80V
n=30pcs
AVE:20.90nA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
AVE:0.595pF
Ta=25℃
f=1MHz
VR=0.5V
n=10pcs
0
5
10
15
20
8.3ms
Ifsm
1cyc
AVE:3.90A
1
1.2
1.4
1.6
1.8
2
AVE:1.489ns
Ta=25℃
VR=6V
IF=10mA
RL=100Ω
n=10pcs
0
5
10
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
0
5
10
1
10
100
t
Ifsm
10
100
1000
0.001
0.1
10
1000
Rth(j-a)
Rth(j-c)
1ms
IM=1mA
IF=10mA
300us
time
Mounted on epoxy board
0
1
2
3
4
5
6
7
8
9
10
C=200pF
R=0Ω
C=100pF
R=1.5kΩ
AVE:6.48kV
AVE:1.60kV
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
Ta=125℃
Ta=25℃
Ta=75℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com