Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS400CS Datasheet(PDF) 1 Page - Rohm

Part # 1SS400CS
Description  Switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

1SS400CS Datasheet(HTML) 1 Page - Rohm

  1SS400CS Datasheet HTML 1Page - Rohm 1SS400CS Datasheet HTML 2Page - Rohm 1SS400CS Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS400CS
Diodes
1/2
Switching diode
1SS400CS
Applications
0.16±0.05
0.37±0.02
0~0.1
0.6±0.06
0.35±0.1
0.156
0.58
0.60±0.06
CATHODE MARK
ROHM : VMN2
dot (year week factory) + day
VMN2
0.55
High speed switching
Features
1) Ultra small mold type. (VMN2)
2) High reliability
Construction
Silicon epitaxial planer
External dimensions (Unit : mm)
Land size figure
Structure
Taping dimensions (Unit : mm)
0.7±0.05
4.0±0.1
2±0.05
0.01
φ0.50±0.05
4.0±0.1
2.0±0.05
φ1.55±0.05
0.01
0.2±0.05
0.52±0.05
0.42
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
VRM
V
VR
V
IFM
mA
Io
mA
Isurge
mA
Tj
℃
Tstg
℃
Electrical characteristic (Ta=25
°C) (∗ Per chip)
Sym bol
Min.
Typ.
Max.
Unit
Conditions
VF
IR
Ct
trr
--
1.2
V
IF=100m A
--
0.1
µA
VR=80V
-
-
3.0
pF
VR=0.5V , f=1MHz
-
-
4.0
ns
VR=6V , IF=10m A , RL=100Ω
orward voltage
Param eter
Revers e recovery tim e
Capacitance between term inal
Revers e current
F
Junction temperature
Storage temperature
150
-55 to +150
Limits
80
100
90
225
500
Parameter
ard current
orward voltage(DC)
(t=1s)
Reverse voltage (DC)
Average rectified forw
Reverse voltage (repetitive peak)
F
Surge current


Similar Part No. - 1SS400CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SS400CS TSC-1SS400CS Datasheet
115Kb / 3P
High Speed SMD Switching Diode
logo
Jiangsu Changjiang Elec...
1SS400CS JIANGSU-1SS400CS Datasheet
686Kb / 4P
High Speed Switching Diode
logo
Rohm
1SS400CS ROHM-1SS400CS Datasheet
492Kb / 5P
Switching Diode
logo
AiT Semiconductor Inc.
1SS400CS AITSEMI-1SS400CS Datasheet
472Kb / 5P
SWITCHING DIODE FORWARD VOLTAGE 1.2V CURRENT 100mA, RECOVERY 4ns
REV1.0
logo
Taiwan Semiconductor Co...
1SS400CS-M0RTG TSC-1SS400CS-M0RTG Datasheet
115Kb / 3P
High Speed SMD Switching Diode
More results

Similar Description - 1SS400CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com