Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60-TF3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 2N60-TF3-R
Description  2 Amps, 600 Volts N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60-TF3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  2N60-TF3-R Datasheet HTML 1Page - Unisonic Technologies 2N60-TF3-R Datasheet HTML 2Page - Unisonic Technologies 2N60-TF3-R Datasheet HTML 3Page - Unisonic Technologies 2N60-TF3-R Datasheet HTML 4Page - Unisonic Technologies 2N60-TF3-R Datasheet HTML 5Page - Unisonic Technologies 2N60-TF3-R Datasheet HTML 6Page - Unisonic Technologies 2N60-TF3-R Datasheet HTML 7Page - Unisonic Technologies 2N60-TF3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-053,E
TYPICAL CHARACTERISTICS
10
0
10-1
10
-2
10
1
10-1
100
Drain-Source Voltage, VDS (V)
V GS
Top: 15.0V
10 .0V
8 .0V
7 .0V
6 .5V
6 .0V
Bottorm :
5.5V
10
0
10
-1
2
Gate-Source Voltage, VGS (V)
Transfer Characteristics
46
8
10
-20℃
85℃
25℃
250μs Pulse Test
TC=25℃
On-Region Characteristics
VDS=50V
250μs Pulse Test
0
0
Drain Current, ID (A)
1
2
VGS=10V
VGS=20V
2
4
8
10
12
On-Resistance Variation vs. Drain Current and
Gate Voltage
6
34
56
TJ=25℃
10
0
10
-1
0.2
Source-Drain Voltage, VSD (V)
Body Diode Forward Voltage Variationvs.
Source Current and Temperature
1.6
25℃
0.4
0.6
0.8
1.0
1.2
1.4
125℃
VGS=0V
250μs Pulse Test
500
0
10
-1
Drain-Source Voltage, VDS (V)
Capacitancevs. Drain-Source Voltage
400
100
100
101
Crss
Coss
Ciss=CGS+CGD
(CDS=shorted)
Coss=CDS+CGD
Crss=CGD
Ciss
VGS=0V
f = 1MHz
300
200
0
Total Gate Charge, QG (nC)
2
61
0
ID=2.4A
8
10
12
Gate Charge vs. Gate Charge Voltage
4
6
4
2
0
VDS=120V
VDS=300V
VDS=480V
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com