Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60-TF3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N60-TF3-R
Description  2 Amps, 600 Volts N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N60-TF3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2N60-TF3-R Datasheet HTML 1Page - Unisonic Technologies 2N60-TF3-R Datasheet HTML 2Page - Unisonic Technologies 2N60-TF3-R Datasheet HTML 3Page - Unisonic Technologies 2N60-TF3-R Datasheet HTML 4Page - Unisonic Technologies 2N60-TF3-R Datasheet HTML 5Page - Unisonic Technologies 2N60-TF3-R Datasheet HTML 6Page - Unisonic Technologies 2N60-TF3-R Datasheet HTML 7Page - Unisonic Technologies 2N60-TF3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N60
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-053,E
2 Amps, 600 Volts
N-CHANNEL MOSFET
DESCRIPTION
The UTC 2N60 is a high voltage MOSFET and is designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and have a high rugged
avalanche characteristics. This power MOSFET is usually used at
high speed switching applications in power supplies, PWM motor
controls, high efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) = 3.8Ω@VGS = 10V.
* Ultra Low gate charge (typical 9.0nC)
* Low reverse transfer capacitance (Crss = typical 5.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
TO-252
TO- 251
1
1
1
TO-220F
*Pb-free plating product number: 2N60L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2N60-TA3-T
2N60L-TA3-T
TO-220
G
D
S
Tube
2N60-TF3-T
2N60L-TF3-T
TO-220F
G
D
S
Tube
2N60-TM3-T
2N60L-TM3-T
TO-251
G
D
S
Tube
2N60-TN3-R
2N60L-TN3-R
TO-252
G
D
S
Tape Reel
2N60-TN3-T
2N60L-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source
2N60L-TA3-T
(1)Packing Type
(2)Package Type
(1) T: Tube, R: Tape Reel
(2) TA3: TO-220, TF3: TO-220F, TM3: TO-251,
TN 3: TO-252
(3) L: Lead Free Plating, Blank: Pb/Sn
(3)Lead Plating


Similar Part No. - 2N60-TF3-R

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
2N60-TF3-T ARTSCHIP-2N60-TF3-T Datasheet
389Kb / 7P
N-CHANNEL MOSFET
More results

Similar Description - 2N60-TF3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60 UTC-1N60 Datasheet
143Kb / 8P
1.2 Amps, 600 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A Datasheet
139Kb / 8P
0.5 Amps, 600 Volts N-CHANNEL MOSFET
2N60 UTC-2N60_11 Datasheet
224Kb / 6P
2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60L UTC-2N60L_10 Datasheet
212Kb / 6P
2 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
15N60 UTC-15N60 Datasheet
165Kb / 6P
15 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK1N60 FS-FTK1N60 Datasheet
222Kb / 7P
1.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK7N60P FS-FTK7N60P Datasheet
248Kb / 6P
7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK2N60P FS-FTK2N60P Datasheet
301Kb / 7P
2 Amps, 600 Volts N-CHANNEL MOSFET
FTK7N60PD FS-FTK7N60PD Datasheet
248Kb / 6P
7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK10N60PD FS-FTK10N60PD Datasheet
373Kb / 7P
10 Amps, 600 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com