Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSQ-RP-E Datasheet(PDF) 1 Page - CUI Devices

Part # CSQ-RP-E
Description  MAGNETIC BUZZER TRANSDUCER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CSQ-RP-E Datasheet(HTML) 1 Page - CUI Devices

  CSQ-RP-E Datasheet HTML 1Page - CUI Devices CSQ-RP-E Datasheet HTML 2Page - CUI Devices CSQ-RP-E Datasheet HTML 3Page - CUI Devices CSQ-RP-E Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 08/05/2022
page 1 of 4
MODEL: CSQ-RP-E | DESCRIPTION: MAGNETIC BUZZER TRANSDUCER
cuidevices.com
RoHS
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
1.5
Vo-p
operating voltage
1.0
2.0
Vo-p
current consumption
at rated voltage, 2,730 Hz square wave, ½ duty
80
mA
coil resistance
4.0
5.0
6.0
Ω
sound pressure level
at 10 cm
85
91
dB
rated frequency
2,730
Hz
dimensions
ø12.0 x H6.0
mm
weight
1.40
g
material
PPO
terminal
pin type (Au plating)
operating temperature
-20
60
°C
storage temperature
-30
70
°C
RoHS
yes
+
PIN: To the
center of the
sound hole
MECHANICAL DRAWING
FEATURES
• side port
• SPL 85 dB
• low profile
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - CSQ-RP-E

ManufacturerPart #DatasheetDescription
logo
CUI INC
CSQ-RP-E CUI-CSQ-RP-E Datasheet
546Kb / 5P
magnetic buzzer
CSQ-RP-E CUI-CSQ-RP-E Datasheet
217Kb / 3P
MAGNETIC BUZZER
04/24/2012
CSQ-RP-E CUI-CSQ-RP-E_V01 Datasheet
217Kb / 3P
MAGNETIC BUZZER
04/24/2012
More results

Similar Description - CSQ-RP-E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMX-300 ETC-EMX-300 Datasheet
174Kb / 1P
Magnetic transducer Buzzer
logo
CUI INC
CSS-0578-SMT CUI-CSS-0578-SMT Datasheet
337Kb / 3P
MAGNETIC BUZZER TRANSDUCER
CT-1205H-SMT CUI-CT-1205H-SMT Datasheet
345Kb / 3P
MAGNETIC BUZZER TRANSDUCER
CMT-5023S-SMT CUI-CMT-5023S-SMT Datasheet
960Kb / 4P
MAGNETIC BUZZER TRANSDUCER
CCV-084B16-SMT CUI-CCV-084B16-SMT Datasheet
432Kb / 3P
MAGNETIC BUZZER TRANSDUCER
CMT-6736-80T CUI-CMT-6736-80T Datasheet
394Kb / 5P
MAGNETIC BUZZER TRANSDUCER
CMT-9504-87-SMT-TR CUI-CMT-9504-87-SMT-TR Datasheet
418Kb / 5P
MAGNETIC BUZZER TRANSDUCER
logo
CUI Devices
CD-1206-SMT CUID-CD-1206-SMT Datasheet
635Kb / 4P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
CEM-1203 CUID-CEM-1203 Datasheet
499Kb / 4P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
CMT-1032-85-SMT-TR CUID-CMT-1032-85-SMT-TR Datasheet
388Kb / 5P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com