Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSQ-RP-E Datasheet(PDF) 3 Page - CUI Devices

Part # CSQ-RP-E
Description  MAGNETIC BUZZER TRANSDUCER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CSQ-RP-E Datasheet(HTML) 3 Page - CUI Devices

  CSQ-RP-E Datasheet HTML 1Page - CUI Devices CSQ-RP-E Datasheet HTML 2Page - CUI Devices CSQ-RP-E Datasheet HTML 3Page - CUI Devices CSQ-RP-E Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CUI DEVICES | MODEL: CSQ-RP-E | DESCRIPTION: MAGNETIC BUZZER TRANSDUCER
date 08/05/2022 | page 3 of 4
cuidevices.com
PACKAGING
units: mm
Tray Size: 184 x 180 x 23 mm
Tray QTY: 100 pcs
Carton Size: 440 x 400 x 310 mm
Carton QTY: 6,000 pcs
O
Ouutt B
Booxx
((12
12P
PC
CS
S O
Ouutt B
Booxx))
C
Caarrttoonn B
Booxx
440000mm
m
m
444400
m
mm
m
((55P
PC
CS
S TTrraayy))
LLoott N
Noo..
Q
Quuaanntitittyy..
D
Daattee::
XXXXXX
XXXXXXXXXXXXXX
XXXX
XXXX P
Pccss
Pa
Parrtt N
Noo..
XXXX
XXXXXXXXXXXXXXXX
D
DD
D M
MM
M YYYY
XXXXXXXX
XXXXXXXXXXXX
M
MAD
ADEE IIN
N C
CH
HIIN
NA
A
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com