Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS200 Datasheet(PDF) 11 Page - Microchip Technology

Part # HCS200
Description  Memory Programming Specification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS200 Datasheet(HTML) 11 Page - Microchip Technology

Back Button HCS200 Datasheet HTML 7Page - Microchip Technology HCS200 Datasheet HTML 8Page - Microchip Technology HCS200 Datasheet HTML 9Page - Microchip Technology HCS200 Datasheet HTML 10Page - Microchip Technology HCS200 Datasheet HTML 11Page - Microchip Technology HCS200 Datasheet HTML 12Page - Microchip Technology HCS200 Datasheet HTML 13Page - Microchip Technology HCS200 Datasheet HTML 14Page - Microchip Technology HCS200 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41256A-page 11
HCSXXX
2.4
Bulk Write Device
All transponders and encoders are bulk erased and
programmed with zeros following the Start condition.
The bulk erase/write time frame is specified as TPBW,
which is minimally 4.0 ms. After the bulk function is
complete, the programming state machine continues
into the Program mode where it begins to wait for data
and clock signals.
2.5
Serial Program/Verify Operation
For all of the encoders and transponders, the memory
maps have been designed to be in 16-bit format, which
means that each address location contains 16 bits of
information including “don't care” bits that are read as
zeros. Details relating to the designated pins for clock
and data signals are outlined in Table 1-1. The
decoders, on the other hand, were designed with
memory maps in 8-bit format, so they are discussed
separately in the next couple of paragraphs.
For specific information relating to the size of the
memory maps for a given family of devices, be sure to
review the tables in Section 2.1 “Encoder Memory
Maps”.
The following paragraphs were written with the
assumption that the target device has been placed into
the Programming mode and is now waiting for data or
a command byte to continue programming the memory
array.
2.5.1
ENCODERS/TRANSPONDERS
To input data to the target KEELOQ encoder or
transponder, 16 clock cycles are applied to the clock pin
of the target device while data is driven into the data pin.
Data is clocked into the target device on the falling edge
of the clock signal. Also, the minimum high time and low
time for the clock signals are 50
µs. During verification,
data must be sampled on the rising edge of the clock.
2.5.2
DECODERS
To input data to the target KEELOQ decoder, 8 clock
cycles are applied to the clock pin of the target device
while data is driven into the data pin. Data is clocked
into the target device on the falling edge of the clock
signals. Also, the minimum high time and minimum low
time for the clock signals are 50
µs. For the decoder
family, there are no verification functions.
2.6
Begin Programming
Write cycles are performed a bit-at-a-time throughout
the
entire
programming
sequence
for
KEELOQ
products. The total write cycle, which includes internal
processing and programming time, is specified to take
a minimum of 50 ms. As a result, programmers can
include a delay for the minimum write cycle time or they
can poll the target device as discussed in Section 2.7
“Polling Write Cycle”.
2.7
Polling Write Cycle
2.7.1
HCS201 AND HCS412
Once the 16th clock cycle for the data word has been
generated and the next minimum low time for the clock
passes, the clock pin can be driven high to poll the
completion of the write cycle. Before the write cycle is
complete, the data pin for the target KEELOQ device will
be low. After the write cycle is complete, the data pin on
the HCS201 and the HCS412 will begin to provide
pulses to the programmer in order to signal the
completion of the write cycle. As a result, the
programmer data pin should be set to high-impedance
(input) so that it can read the pulses. After reading the
pulses on the data pin, the programmer should drive
the clock pin low and make the data pin an output so
that data can continue to be driven into the target
device. These pulses can be used for calibration
sequences for the HCS201 and the HCS412. For
information relating to oscillator calibration refer to
Section 5.0
“Program/Verify
Mode
Electrical
Characteristics”, which discusses oscillator tuning. If
the programmer polls the target device for the end of a
write cycle, these two devices will continue to emit
calibration pulses until their clock lines are driven low.
In order to measure the calibration pulses, the clock pin
must be driven high prior to the end of the write cycle,
otherwise the calibration pulses will not appear.
2.7.2
ALL OTHER KEELOQ DEVICES
Once the 16th clock cycle for the data word has been
generated for any of the encoders or transponders or
the last clock cycle for a decoder data packet is
generated, the clock pin can be driven high to poll for
the completion of the write cycle. Before the write cycle
is complete, the data pin for the target KEELOQ device
will be low. As a result, the programmer data pin should
be set to high-impedance (input) so that it can sense
the rising edge of data. After the write cycle is
complete, the data pin will be driven high until the clock
line is driven low again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com