Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS200 Datasheet(PDF) 18 Page - Microchip Technology

Part # HCS200
Description  Memory Programming Specification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS200 Datasheet(HTML) 18 Page - Microchip Technology

Back Button HCS200 Datasheet HTML 14Page - Microchip Technology HCS200 Datasheet HTML 15Page - Microchip Technology HCS200 Datasheet HTML 16Page - Microchip Technology HCS200 Datasheet HTML 17Page - Microchip Technology HCS200 Datasheet HTML 18Page - Microchip Technology HCS200 Datasheet HTML 19Page - Microchip Technology HCS200 Datasheet HTML 20Page - Microchip Technology HCS200 Datasheet HTML 21Page - Microchip Technology HCS200 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
HCSXXX
DS41256A-page 18
Preliminary
 2004 Microchip Technology Inc.
5.0
PROGRAM/VERIFY MODE ELECTRICAL CHARACTERISTICS
5.1
Timing Requirements for Program/Verify Mode – Encoders
AC/DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise
stated)
Operating Temperature +25°C
± 5°C
Operating Voltage
4.5V
≤ VDD ≤ 5.5V
Sym
Characteristics
Min
Max
Units
Conditions/Comments
HCS200, HCS300, HCS301, HCS320 and HCS362
TCLKH
Clock high time
50
µs
TCLKL
Clock low time
50
µs
TDH
Data hold time
30
µs
TDS
Data setup time
0
µs
TDV
Data out valid time
30
µs
TPBW
Bulk Write time
4.0
ms
TPH1
Hold Time 1
3.5
ms
TPH2
Hold Time 2
50
µs
TPROG
Program delay time
4.0
ms
TPS
Program mode setup time
3.5
4.5
ms
TWC
Program cycle time
50
ms
HCS201
TACKH
Data out valid time
800
µs
TACKL
Data hold time
800
µs
TCLKH
Clock high time
50
µs
TCLKL
Clock low time
50
µs
TDH
Data hold time
18
µs
TDS
Data setup time
0
µs
TDV
Data out valid time
30
µs
TPBW
Bulk Write time
4.0
ms
TPH1
Hold Time 1
4.0
ms
TPH2
Hold Time 2
50
µs
TPHOLD
Hold time
100
µs
TPROG
Program delay time
4.0
ms
TPS
Program mode setup time
2.0
5.0
ms
TWC
Program cycle time
50
ms
HCS360, HCS361
T1
Hold Time 1
9.0
ms
T2
Program mode setup time
0
4.0
ms
TCLKH
Clock high time
50
µs
TCLKL
Clock low time
50
µs
TDH
Data hold time
30
µs
TDS
Data setup time
0
µs
TDV
Data out valid time
30
µs
TWC
Program cycle time
50
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com