Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS320 Datasheet(PDF) 12 Page - Microchip Technology

Part # HCS320
Description  Memory Programming Specification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS320 Datasheet(HTML) 12 Page - Microchip Technology

Back Button HCS320 Datasheet HTML 8Page - Microchip Technology HCS320 Datasheet HTML 9Page - Microchip Technology HCS320 Datasheet HTML 10Page - Microchip Technology HCS320 Datasheet HTML 11Page - Microchip Technology HCS320 Datasheet HTML 12Page - Microchip Technology HCS320 Datasheet HTML 13Page - Microchip Technology HCS320 Datasheet HTML 14Page - Microchip Technology HCS320 Datasheet HTML 15Page - Microchip Technology HCS320 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
HCSXXX
DS41256A-page 12
Preliminary
 2004 Microchip Technology Inc.
2.8
Verify Mode
In terms of verify operations, all KEELOQ encoders and
transponders incorporate a security feature that only
allows one verify operation to be completed, and it
must be completed at the end of the programming
sequence before exiting the Programming mode.
When implementing polling routines to sense the end
of the last write cycle and after driving the clock line low,
the programmer can begin to read data by continuing
to provide clock cycles to the target device. Note that
there is not an Acknowledge bit from KEELOQ devices
during the Verify mode.
In the case where the programmer provides a time delay
to allow for write cycle completion, the programmer can
provide clock cycles after the delay to begin reading
data.
3.0
CONFIGURATION WORD
For detailed descriptions of bit functions for the
configuration words of the KEELOQ devices, be sure to
download the latest Data Sheet for the respective device
from
the
Microchip
Technology
web
site
(www.microchip.com). Configuration word architectures
are also shown earlier in Section 2.0 “Memory
Mapping”.
4.0
OSCILLATOR TUNING
Calibrating the oscillator of select devices can be
completed a number of ways. For the purpose of this
document, calibration will be completed using the Two-
Point Calibration Algorithm, which is described in
Application
Note
AN824,
“KEELOQ®
Encoders
Oscillator Calibration” (DS00824). The algorithm is as
follows:
• OSCCAL = -8
• Program target device
• Measure oscillator frequency FHIGH
• OSCCAL = +7
• Program target device
• Measure oscillator frequency FLOW
• Interpolate:
- OSCCAL = 16*(FIDEAL - FLOW)/(FHIGH - FLOW)
• Program target device
For a better understanding of how to implement this
algorithm, the following flow charts are being provided:
Note:
Decoders do not incorporate a verify
function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com