Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS320 Datasheet(PDF) 15 Page - Microchip Technology

Part # HCS320
Description  Memory Programming Specification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS320 Datasheet(HTML) 15 Page - Microchip Technology

Back Button HCS320 Datasheet HTML 11Page - Microchip Technology HCS320 Datasheet HTML 12Page - Microchip Technology HCS320 Datasheet HTML 13Page - Microchip Technology HCS320 Datasheet HTML 14Page - Microchip Technology HCS320 Datasheet HTML 15Page - Microchip Technology HCS320 Datasheet HTML 16Page - Microchip Technology HCS320 Datasheet HTML 17Page - Microchip Technology HCS320 Datasheet HTML 18Page - Microchip Technology HCS320 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41256A-page 15
HCSXXX
KEELOQ devices that are capable of oscillator tuning
include the HCS201, HCS362, HCS410 and the
HCS412. Though, only the HCS201 and HCS412
transmit calibration pulses when polling the chips at the
end of write cycles.
The other two devices must be tuned according to the
preamble pulses that they transmit at the beginning of
a data packet. For the best accuracy, use multiple time
elements to achieve an average time element value.
Typically, a number that is a power of 2n is used in order
to simplify the resultant quotient (i.e., 4 or 8). In order to
obtain the most accurate time element measurement,
the widest possible baud rate should be chosen. For
simplifying the two flow diagrams below, a common
time element was chosen to the devices that share
algorithms.
The HCS362 and the HCS410 oscillator tuning register
can also be tuned as shown in the algorithm above, but
with the caveat that after the device is programmed, the
programmer must activate the target device in order to
measure the time element in the communication
preamble. A typical preamble is shown in Figure 4-3.
FIGURE 4-3:
PWM CODE WORD TRANSMISSION TIMINGS
Preamble = 23 TE
Header = 10 TE
bit 0
bit 1
TE
TE
TE TE TE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com