Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2072 Datasheet(PDF) 21 Page - SMSC Corporation

Part # TMC2072
Description  Peripheral Mode CircLink TM Controller
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2072 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button TMC2072 Datasheet HTML 17Page - SMSC Corporation TMC2072 Datasheet HTML 18Page - SMSC Corporation TMC2072 Datasheet HTML 19Page - SMSC Corporation TMC2072 Datasheet HTML 20Page - SMSC Corporation TMC2072 Datasheet HTML 21Page - SMSC Corporation TMC2072 Datasheet HTML 22Page - SMSC Corporation TMC2072 Datasheet HTML 23Page - SMSC Corporation TMC2072 Datasheet HTML 24Page - SMSC Corporation TMC2072 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
Peripheral Mode CircLink™ Controller
Datasheet
SMSC TMC2072
Page 21
Revision 0.1 (01-30-06)
DATASHEET
1.5.5
Data Bus Width Selection
(W16: Pin)
This pin selects the bit width of the data bus in Peripheral mode; H: 16-bit mode, L: 8-bit mode. In the 16-
bit mode, the LSB address in the CircLink is fixed to 0.
1.5.6
Data Bus Byte Swap
(nSWAP: Pin)
In Peripheral mode, this pin selects the data order at 8-bit access. CircLink registers are defined as 16-bit
width, but 8-bit access is available and in this case the assignment of lower/upper byte of registers and
odd/even numbers of the address can be changed. nSWAP=L assigns the lower byte to even number
address and the upper byte to odd number address, and nSWAP=H assigns the lower byte to odd number
address and the upper byte to even number address.
1.5.7
Data Strobe Polarity Specification
(nDSINV: pin)
In Peripheral mode, this pin selects the pin polarity of data strobe (nDS). It is active low with nDSINV = H
and active high with nDSINV = L.
1.5.8
Page Size Selection
(PS[1:0]: Pin/Register)
Selects page size per packet. The maximum number of nodes depends on the page size selection since
the packet buffer size is limited to 1 kBytes. There are two methods to specify the page size: either through
pin or register settings depending on INIMODE (bit 9); 0: selects pin, 1: selects register (The default is 0).
1.5.9
MAXID Number Setup
(MAXID[4:0]: Pin/Register)
The maximum node ID is set based on the number of nodes on the network. All nodes in a CircLink
network, therefore, should have the same maximum node ID. This optimizes the time required to
reconfigure the network. There are two methods to specify the maximum node ID, Either through pin or
register settings depending on INIMODE (bit 9); 0: selects pin, 1: selects register (The default is 0). If the
nDIAG pin is set to L as the exception, however, the maximum node ID is automatically set to the largest
value. For more details, refer to section 2.10 - Diagnostic Mode.
PS[1:0]
Page Size
Max Node Number
00
256 Byte
3 Node
01
128 Byte
7 Node
10
64 Byte
15 Node
11
32 Byte
31 Node



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com