Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2072 Datasheet (PDF) - SMSC Corporation

TMC2072 Datasheet PDF - SMSC Corporation
Part # TMC2072
Download  TMC2072 Download
File Size   640.64 Kbytes
Page   106 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Peripheral Mode CircLink TM Controller

TMC2072 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC2072 Datasheet PDF - SMSC Corporation

Part # TMC2072
Download  TMC2072 Click to download

File Size   640.64 Kbytes
Page   106 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Peripheral Mode CircLink TM Controller

TMC2072 Datasheet (HTML) - SMSC Corporation


TMC2072 Product details

General Description
About CircLink
The CircLink networking controller was developed for small control-oriented local network data communication based on ARCNET’s token-passing protocol that guarantees message integrity and calculatable maximum delivery times.
In a CircLink network, when a node receives the token it becomes the temporary master of the network for a fixed, short period of time. No node can dominate the network since token control must be relinquished when transmission is complete. Once a transmission is completed the token is passed on to the next node (logical neighbor), allowing it to be come the master.
Because of this token passing scheme, maximum waiting time for network access can be calculated and the time performance of the network is predictable or deterministic. Industrial network applications require predictable performance to ensure that controlled events occur when required.

PRODUCT FEATURES
◾ Low Power CMOS, 3.3 Volt Power Supply with 5
   Volt Tolerant I/O
◾ Supports 8/16-Bit Data Bus
   − Both 86xx and 68hxx Platforms
◾ 1K On-chip Dual Port Buffer Memory
   − Sequential I/O Mapped Access
◾ Enhanced Token Passing Protocol from ARCNET
   − Maximum 31 Nodes per Network
   − Token Retry Mechanism
   − Maximum 256 Bytes per Packet
   − Consecutive Node ID Assignment
◾ Memory Mirror
   − Shared Memory within Network
◾ Network Standard Time
   − Network Time Synchronization
   − Automatic Time Stamping
◾ Coded Mark Inversion
   − Intelligent 1-Bit Error Correction
   − Magnetic Saturation Prevention
◾ Single Operation Mode
   − Supports Only Peripheral (Host) Mode Operates
      with MCU
◾ Supports 8 Bit Programmable General Purpose
   I/O
◾ Dual Communication Modes (with Peripheral
   Mode)
   − Free Format Mode
   − Remote Buffer Mode
◾ 3 Port Hub Integrated
   − 1 Internal and 2 External
◾ Flexible Topologies
   − Bus, Star, and Tree
◾ Low-Cost Media can be Used
   − RS485 Differential Driver
◾ Fiber Optics and Twisted Pair Cable Supported
◾ 100-Pin TQFP Package; Green, Lead-Free
   Package also Available
◾ Temperature Range from 0 to 70 Degrees C




Similar Part No. - TMC2072

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2072 FAIRCHILD-TMC2072 Datasheet
160Kb / 21P
Genlocking Video Digitizer
logo
SMSC Corporation
TMC2072 SMSC-TMC2072 Datasheet
652Kb / 106P
Peripheral Mode CircLink??Controller
logo
Fairchild Semiconductor
TMC2072KHC FAIRCHILD-TMC2072KHC Datasheet
160Kb / 21P
Genlocking Video Digitizer
logo
SMSC Corporation
TMC2072 SMSC-TMC2072_07 Datasheet
652Kb / 106P
Peripheral Mode CircLink??Controller
More results


Similar Description - TMC2072

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82C250 SIEMENS-SAB82C250 Datasheet
729Kb / 34P
ADVANCED PERIPHERAL INTERFACE CONTROLLER
logo
SMSC Corporation
TMC20073 SMSC-TMC20073 Datasheet
143Kb / 4P
CIRCLINK COMMUNICATIONS CONTROLLER LSI
logo
Cypress Semiconductor
CY82C693UB CYPRESS-CY82C693UB Datasheet
1Mb / 164P
hyperCache TM / Stand-Alone PCI Peripheral Controller with USB
logo
SMSC Corporation
TMC2084 SMSC-TMC2084 Datasheet
814Kb / 74P
Standalone Mode CircLink Controller
TMC2074 SMSC-TMC2074 Datasheet
687Kb / 116P
Dual Mode CircLink??Controller
logo
List of Unclassifed Man...
TE6138 ETC1-TE6138 Datasheet
1Mb / 48P
IEEE1284 Peripheral Controller
logo
Advanced Micro Devices
AMD-766 AMD-AMD-766 Datasheet
568Kb / 96P
Peripheral Bus Controller
logo
SMSC Corporation
TMC2072 SMSC-TMC2072_07 Datasheet
652Kb / 106P
Peripheral Mode CircLink??Controller
logo
Renesas Technology Corp
R8A66593FPBG RENESAS-R8A66593FPBG_15 Datasheet
1Mb / 144P
ASSP (USB2.0 Peripheral Controller)
M66592 RENESAS-M66592 Datasheet
1Mb / 129P
ASSP (USB2.0 Peripheral Controller)
2004.10.01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com