Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2084 Datasheet (PDF) - SMSC Corporation

TMC2084 Datasheet PDF - SMSC Corporation
Part # TMC2084
Download  TMC2084 Download
File Size   814.05 Kbytes
Page   74 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Standalone Mode CircLink Controller

TMC2084 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC2084 Datasheet PDF - SMSC Corporation

Part # TMC2084
Download  TMC2084 Click to download

File Size   814.05 Kbytes
Page   74 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Standalone Mode CircLink Controller

TMC2084 Datasheet (HTML) - SMSC Corporation


TMC2084 Product details

PRODUCT FEATURES

♦ Low Power CMOS, 3.3 Volt Power Supply with 5 Volt Tolerant I/O

♦ Enhanced Token Passing Protocol from ARCNET

− Maximum 15 node per network

− Token Retry Mechanism

− 64/128 Byte Per Packet

− Consecutive Node ID Assignment

♦ Memory Mirror

− Shared Memory Within Network

♦ Network Standard Time

− Network Time Synchronization

− Automatic Time Stamping

♦ Coded Mark Inversion

− Intelligent 1-Bit Error Correction

− Magnetic Saturation Prevention

♦ Standalone I/O Mode Operates without MCU

− Supports 16 Bit Input and 16 Bit Output

♦ Up to 14 Intelligent Remote I/O Ports:

− Programmable with 8-bit basis (16 to 32 outputs; 0 to 16 inputs)

− Selectable output type (push-pull or open-drain)

− The part of port is definable as strobe outputs and/or external trigger inputs

− The anti-chatter circuit on the input port can be set in ON/OFF

− The sampling frequency of the anti-chatter circuit can be set (19.1Hz/1.22KHz)

♦ Feature Rich Transmit Trigger:

− After receiving OUTPUT DATA packet or expiring on chip timer

− Continuous transmission

− External trigger input

♦ Flexible Transceiver Interface:

− RS-485 transceiver + twist pair cable

− RS-485 transceiver + pulse transformer + twist pair cable

− Hybrid transceiver (HYC4000 or HYC2000 from SMSC Japan)

− Fiber Optics also supported

♦ 48-Pin TQFP Package; Green, Lead-free Package also available

− Body size: 7 × 7mm; pitch: 0.5mm; lead-free

♦ Temperature Range from 0 to 70 degrees C




Similar Part No. - TMC2084

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2081 FAIRCHILD-TMC2081 Datasheet
160Kb / 32P
Digital Video Mixer
TMC2081KBC FAIRCHILD-TMC2081KBC Datasheet
160Kb / 32P
Digital Video Mixer
More results


Similar Description - TMC2084

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
82C900 INFINEON-82C900 Datasheet
488Kb / 29P
Standalone TwinCAN Controller
V 1.0D3, Mar. 2001
SAE81C90 INFINEON-SAE81C90 Datasheet
521Kb / 41P
Standalone Full-CAN Controller
01.97
logo
SMSC Corporation
TMC20073 SMSC-TMC20073 Datasheet
143Kb / 4P
CIRCLINK COMMUNICATIONS CONTROLLER LSI
TMC2074 SMSC-TMC2074 Datasheet
687Kb / 116P
Dual Mode CircLink??Controller
TMC2072 SMSC-TMC2072 Datasheet
640Kb / 106P
Peripheral Mode CircLink TM Controller
TMC2072 SMSC-TMC2072_07 Datasheet
652Kb / 106P
Peripheral Mode CircLink??Controller
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
SAK82C900 INFINEON-SAK82C900 Datasheet
478Kb / 29P
Standalone TwinCAN Controller
V 1.0D3, Mar. 2001
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com