Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2074 Datasheet (PDF) - SMSC Corporation

TMC2074 Datasheet PDF - SMSC Corporation
Part # TMC2074
Download  TMC2074 Download
File Size   687.66 Kbytes
Page   116 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Dual Mode CircLink??Controller

TMC2074 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC2074 Datasheet PDF - SMSC Corporation

Part # TMC2074
Download  TMC2074 Click to download

File Size   687.66 Kbytes
Page   116 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Dual Mode CircLink??Controller

TMC2074 Datasheet (HTML) - SMSC Corporation


TMC2074 Product details

General Description

About TMC2074

The TMC2074 network controller is CircLink technology’s flagship product. The TMC2074’s flexibility and rich feature set enable a high-reliability and high-performance, real-time and control-oriented network without the cumbersome middle layer protocol stacks and complex packet prioritization schemes typically required.

TMC2074 operates at network data transfer rates up to 5 Mbps. Its embedded 1 kByte RAM can be configured into a maximum of 32 pages to implement a 31-node network where each node in the network has the same local memory.



PRODUCT FEATURES

• Low Power CMOS, 3.3 Volt Power Supply with 5 Volt Tolerant I/O

• Supports 8/16-Bit Data Bus

   − Both 86xx and 68hxx Platforms

• 1K On-chip Dual Port Buffer Memory

   − Sequential I/O Mapped Access

• Enhanced Token Passing Protocol from ARCNET

   − Maximum 31 Nodes per Network

   − Token Retry Mechanism

   − Maximum 256 Bytes per Packet

   − Consecutive Node ID Assignment

• Memory Mirror

   − Shared Memory within Network

• Network Standard Time

   − Network Time Synchronization

   − Automatic Time Stamping

• Coded Mark Inversion

   − Intelligent 1-Bit Error Correction

   − Magnetic Saturation Prevention

• Dual Operation Modes

   − Peripheral (Host) Mode Operates with MCU

   − Standalone (I/O) Mode Operates without MCU

• Supports 8 Bit Programmable General Purpose I/O at peripheral Mode

• Supports 16 Bit Input and 16 Bit Output at Standalone Mode

• Dual Communication Modes (with Peripheral Mode)

   − Free Format Mode

   − Remote Buffer Mode

• 3 Port Hub Integrated

   − 1 Internal and 2 External

• Flexible Topologies

   − Bus, Star and Tree

• Low Cost Media can be Used

   − RS485 Differential Driver

• Fiber Optics and Twisted Pair Cable Supported

• 128-Pin VTQFP Package; Green, Lead-free Package also Available

• Temperature Range from 0 to 70 Degrees C



 




Similar Part No. - TMC2074

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC2070P7C FAIRCHILD-TMC2070P7C Datasheet
29Kb / 4P
Parallel to RBUS Adapter
TMC2072 FAIRCHILD-TMC2072 Datasheet
160Kb / 21P
Genlocking Video Digitizer
logo
SMSC Corporation
TMC2072 SMSC-TMC2072 Datasheet
640Kb / 106P
Peripheral Mode CircLink TM Controller
TMC2072 SMSC-TMC2072 Datasheet
652Kb / 106P
Peripheral Mode CircLink??Controller
TMC2072-MD SMSC-TMC2072-MD Datasheet
640Kb / 106P
Peripheral Mode CircLink TM Controller
More results


Similar Description - TMC2074

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
TMC20073 SMSC-TMC20073 Datasheet
143Kb / 4P
CIRCLINK COMMUNICATIONS CONTROLLER LSI
logo
List of Unclassifed Man...
MX88L60UC ETC-MX88L60UC Datasheet
261Kb / 23P
DUAL-MODE PC CAMERA CONTROLLER
logo
SMSC Corporation
TMC2084 SMSC-TMC2084 Datasheet
814Kb / 74P
Standalone Mode CircLink Controller
TMC2072 SMSC-TMC2072 Datasheet
640Kb / 106P
Peripheral Mode CircLink TM Controller
TMC2072 SMSC-TMC2072_07 Datasheet
652Kb / 106P
Peripheral Mode CircLink??Controller
logo
Texas Instruments
CC256X TI1-CC256X_13 Datasheet
1Mb / 51P
Bluetooth and Dual-Mode Controller
CC2560A TI1-CC2560A_16 Datasheet
1Mb / 51P
Dual-Mode Bluetooth Controller
CC2564C TI1-CC2564C Datasheet
863Kb / 52P
CC2564C Dual-Mode Bluetooth Controller
CC2560A TI1-CC2560A Datasheet
1Mb / 52P
Dual-Mode Bluetooth Controller
CC2560A TI1-CC2560A_18 Datasheet
1Mb / 53P
Dual-Mode Bluetooth Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com