Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2074 Datasheet(PDF) 7 Page - SMSC Corporation

Part # TMC2074
Description  Dual Mode CircLink??Controller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2074 Datasheet(HTML) 7 Page - SMSC Corporation

Back Button TMC2074 Datasheet HTML 3Page - SMSC Corporation TMC2074 Datasheet HTML 4Page - SMSC Corporation TMC2074 Datasheet HTML 5Page - SMSC Corporation TMC2074 Datasheet HTML 6Page - SMSC Corporation TMC2074 Datasheet HTML 7Page - SMSC Corporation TMC2074 Datasheet HTML 8Page - SMSC Corporation TMC2074 Datasheet HTML 9Page - SMSC Corporation TMC2074 Datasheet HTML 10Page - SMSC Corporation TMC2074 Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 116 page
background image
Dual Mode CircLink™ Controller
Datasheet
SMSC TMC2074
Page 7
Revision 0.1 (03-29-06)
DATASHEET
1.2
About TMC2074
The TMC2074 network controller is CircLink technology’s flagship product. The TMC2074’s flexibility and
rich feature set enable a high-reliability and high-performance, real-time and control-oriented network
without the cumbersome middle layer protocol stacks and complex packet prioritization schemes typically
required.
TMC2074 operates at network data transfer rates up to 5 Mbps. Its embedded 1 kByte RAM can be
configured into a maximum of 32 pages to implement a 31-node network where each node in the network
has the same local memory.
The TMC2074 has two operational modes: “Peripheral Mode” and “Standalone Mode”. It can operate with
or without the existence of a system CPU on a network node. In Peripheral Mode, the TMC2074 has two
selectable communication modes, “Free Format Mode” and “Remote Buffer Mode”. Free Format mode,
retained from ARCNET, is “packet oriented” communication. Remote Buffer mode communication is a
CircLink-specific feature, and is a token oriented communication, which includes automatic data
transmission when the token arrives.
The TMC2074 has a flexible 8-bit or 16-bit databus to interface various CPU types including X86, 68XX,
and SHX with multiplexed or non-multiplexed address/data. When operating in Peripheral mode, the
TMC2074 has 8-bit programmable I/O available. When operating in Standalone mode, the TMC2074’s I/O
configuration is16-bit. The TMC2074 also integrates a 3-port hub (two ports for external connection) to
accommodate various network topologies (Bus, Star, etc.) and combinations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com